Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 86 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 82Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 83Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 84Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 85Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 86Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 87Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 88Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 89Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 107 page
background image
86
T48C862-R3
4554A–4BMCU–02/03
Combination Mode 10:
Frequency Measurement or
Event Counter with Time Gate
Timer 2 mode 1/2:
12-bit compare counter/8-bit compare counter and
4-bit prescaler
Timer 2 output mode 1/6: Timer 2 compare match toggles (TOG2) to the Timer 3
Timer 3 mode 3:
Timer/Counter; internal trigger restart and internal capture
(with Timer 2
TOG2-signal)
The counter is driven by an external (T3I) clock source. The output signal (TOG2) of
Timer 2 resets the counter. The counter value before reset is saved in the capture regis-
ter. If single-action mode is activated for one or both compare registers, the trigger
signal restarts also the single actions. This mode can be used for frequency measure-
ments or as event counter with time gate.
Figure 85. Frequency Measurement
Figure 86. Event Counter with Time Gate
Combination Mode 11:
Burst Modulation 1
Timer 2 mode 1/2:
12-bit compare counter/8-bit compare counter and
4-bit prescaler
Timer 2 output mode 1/6: Timer 2 compare match toggles the output flip-flop (M2)
to the Timer 3
Timer 3 mode 6:
Carrier frequency burst modulation controlled by Timer 2
output (M2)
The Timer 3 counter is driven by an internal or external clock source. Its compare and
compare mode registers must be programmed to generate the carrier frequency with
the output toggle flip-flop. The output toggle flip-flop (M2) of Timer 2 is used to enable
and disable the Timer 3 output. The Timer 2 can be driven by the toggle output signal of
Timer 3 (TOG3) or any other clock source.
001 2345 6789 10
Counter 3
TOG2
T3CP-
Register
T3I
T3R
Capture value = 0
Capture value = 17
Capt. value = 18
11121314151617
12 3 4 5 6789 101112131415161718
0
0 123 45
00 1 234 5 6 7 8 9 10
Counter 3
TOG2
T3CP-
Register
11
0 1
2
40 1
T3I
2
3
T3R
Capture value = 0
Capture value = 11
Cap. val. = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com