Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 80 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 76Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 77Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 78Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 79Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 80Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 81Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 82Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 83Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 107 page
background image
80
T48C862-R3
4554A–4BMCU–02/03
Combination Mode 3:
Manchester Modulation 1
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 2
modulator stage
Timer 2 mode 1, 2, 3 or 4:
8-bit compare counter with 4-bit programmable prescaler
Timer 2 output mode 5:
The modulator 2 of Timer 2 modulates the SSI internal
data output to Manchester code
Figure 76. Manchester Modulation 1
Combination Mode 4:
Manchester Modulation 2
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 2
modulator stage
Timer 2 mode 3:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 5:
The modulator 2 of Timer 2 modulates the SSI data output
to Manchester code
The 4-bit stage can be used as prescaler for the SSI to generate the stop signal for mod-
ulator 2. The SSI has a special mode to supply the prescaler with the shift clock.
The control output signal (OMSK) of the SSI is used as stop signal for the modulator.
Figure 72 shows an example for a 12-bit Manchester telegram.
Figure 77. Manchester Modulation 2
TOG2
SC
SO
T2O
00
0
0
0
11
01
01
11
1
1
8-bit SR-data
Bit 7
Bit 0
0
Bit 7
Bit 0
Data: 00110101
00
0
000
0
0
12
3
4
012
0
Counter 2/1 = Compare Register 2/1 (= 4)
Bit 7 Bit 6
Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
SCLI
Buffer full
SIR
SO
SC
MSM
Timer 2
Mode 3
SCL
Counter 2/1
OMSK
T2O
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com