Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 107 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 107 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 103Page - Microchip Technology KSZ9567R Datasheet HTML 104Page - Microchip Technology KSZ9567R Datasheet HTML 105Page - Microchip Technology KSZ9567R Datasheet HTML 106Page - Microchip Technology KSZ9567R Datasheet HTML 107Page - Microchip Technology KSZ9567R Datasheet HTML 108Page - Microchip Technology KSZ9567R Datasheet HTML 109Page - Microchip Technology KSZ9567R Datasheet HTML 110Page - Microchip Technology KSZ9567R Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 107
KSZ9567R
5.1.5.2
VLAN Table Entry 1 Register
5.1.5.3
VLAN Table Entry 2 Register
5.1.5.4
VLAN Table Index Register
Address:
0x0404 - 0x407
Size:
32 bits
Bits
Description
Type
Default
31:7
RESERVED
R/O
0x0000000
6:0
PORT UNTAG
This field in the VLAN Table specifies the untagging policy for each egress
port.
Bits [6:0] correspond to ports [7:1].
1 = Untag packets upon egress at this port
0 = Do not untag upon egress at this port
R/W
0x00
Note:
Refer to Section 5.3.4, "VLAN Table," on page 195 for additional information on VLAN tables.
Address:
0x0408 - 0x040B
Size:
32 bits
Bits
Description
Type
Default
31:7
RESERVED
R/O
0x0000000
6:0
PORT FORWARD
This field specifies the forwarding policy to each port. The policy is applied if
the FO bit is set.
Bits [6:0] correspond to ports [7:1].
1 = Forward to this port
0 = Do not forward to this port
R/W
0x00
Note:
Refer to Section 5.3.4, "VLAN Table," on page 195 for additional information on VLAN tables.
Address:
0x040C - 0x040D
Size:
16 bits
Bits
Description
Type
Default
15:12
RESERVED
RO
0x0
11:0
VLAN Index
This value addresses the VLAN table, in combination with the VLAN table
action in the following register.
R/W
0x000
Note:
Refer to Section 5.3.4, "VLAN Table," on page 195 for additional information on VLAN tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com