Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 109 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 109 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 105Page - Microchip Technology KSZ9567R Datasheet HTML 106Page - Microchip Technology KSZ9567R Datasheet HTML 107Page - Microchip Technology KSZ9567R Datasheet HTML 108Page - Microchip Technology KSZ9567R Datasheet HTML 109Page - Microchip Technology KSZ9567R Datasheet HTML 110Page - Microchip Technology KSZ9567R Datasheet HTML 111Page - Microchip Technology KSZ9567R Datasheet HTML 112Page - Microchip Technology KSZ9567R Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 109
KSZ9567R
5.1.5.7
ALU Table Index 1 Register
The ALU Table Index 0 Register and ALU Table Index 1 Register contain the index values for searching and reading/
writing the address lookup table as specified by the action in the ALU Table Access Control Register. For additional infor-
mation on ALU tables, refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 188.
5.1.5.8
ALU Table Access Control Register
This register provides control and status for searching and reading or writing the ALU Table. The ALU Table Index 0
Register and ALU Table Index 1 Register contain the index values, while the ALU / Static Address Table Entry 1 Register,
ALU / Static Address / Reserved Multicast Table Entry 2 Register, ALU / Static Address Table Entry 3 Register, and ALU
/ Static Address Table Entry 4 Register are used for the entry values. Refer to Section 5.3.1, "Address Lookup (ALU)
Table," on page 188 for additional information on ALU tables.
Address:
0x0414 - 0x0417
Size:
32 bits
Bits
Description
Type
Default
31:0
MAC Index [31:0]
These are the lower 32 bits of the MAC addressed used to hash index the
address lookup table. If direct addressing is enabled, then bits [11:0] are
used to directly index the address lookup table.
R/W
0x00000000
Address:
0x0418 - 0x041B
Size:
32 bits
Bits
Description
Type
Default
31:30
RESERVED
RO
00b
29:16
VALID_COUNT
Indicates the total number of valid entries in the table after the search
finishes
RO
0x0000
15:8
RESERVED
RO
0x00
7
START_FINISH
1 = Start the action defined below
0 = Action finished
R/W, SC
0b
6
VALID
For search operation. It is cleared when register 0x042F (ALU / Static
Address Table Entry 4 Register) is read.
1 = Indicates that the next valid entry is ready
0 = Next valid entry is not ready
RO
0b
5
VALID_ENTRY_OR_SEARCH_END
For search operation. It is intended for added convenience when accessing
registers by in-band management (IBA) rather than SPI or I2C. It combines
bits 6 and 7.
1 = Indicates either that the next valid entry is ready, or that the search has
ended.
0 = Neither next valid entry ready nor search ended.
RO
0b
4:3
RESERVED
R/W
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com