Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 110 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 110 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 106Page - Microchip Technology KSZ9567R Datasheet HTML 107Page - Microchip Technology KSZ9567R Datasheet HTML 108Page - Microchip Technology KSZ9567R Datasheet HTML 109Page - Microchip Technology KSZ9567R Datasheet HTML 110Page - Microchip Technology KSZ9567R Datasheet HTML 111Page - Microchip Technology KSZ9567R Datasheet HTML 112Page - Microchip Technology KSZ9567R Datasheet HTML 113Page - Microchip Technology KSZ9567R Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 232 page
background image
KSZ9567R
DS00002329D-page 110
 2017-2019 Microchip Technology Inc.
5.1.5.9
Static Address and Reserved Multicast Table Control Register
This register provides control and index for reading and writing the Static Address Table and the Reserved Multicast
Table. The ALU / Static Address Table Entry 1 Register, ALU / Static Address / Reserved Multicast Table Entry 2 Reg-
ister, ALU / Static Address Table Entry 3 Register, and ALU / Static Address Table Entry 4 Register are used for the
Static Address Table entry values, while only the ALU / Static Address / Reserved Multicast Table Entry 2 Register is
used for the Reserved Multicast Table entry value. Refer to Section 5.3.2, "Static Address Table," on page 192 and Sec-
tion 5.3.3, "Reserved Multicast Address Table," on page 194 for additional information on these tables.
2
DIRECT
1 = Access by direct addressing the ALU Table. This method is used only for
debugging, if at all.
0 = Hashing function is used to index the table. This is the normal method.
Refer to the Switch Lookup Engine Control 0 Register.
R/W
0b
1:0
ACTION
Specifies the action to be taken for the ALU Table entry access
00 = No operation
01 = Write
10 = Read
11 = Search
R/W
00b
Address:
0x041C - 0x041F
Size:
32 bits
Bits
Description
Type
Default
31:22
RESERVED
RO
0x000
21:16
TABLE_INDEX
Bits [21:16] used to index the Reserved Multicast Table
Bits [19:16] used to index the Static Address Table
R/W
00_0000b
15:8
RESERVED
RO
0x00
7
START_FINISH
1 = Start access
0 = Access is finished
R/W, SC
0b
6:2
RESERVED
R/W
000_00b
1
TABLE_SELECT
Specifies which table is being accessed
1 = Access Reserved Multicast Table
0 = Access Static Address Table
R/W
0b
0
ACTION
Specifies the action to be taken for the table
1 = Read
0 = Write
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com