Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 114 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 114 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 110Page - Microchip Technology KSZ9567R Datasheet HTML 111Page - Microchip Technology KSZ9567R Datasheet HTML 112Page - Microchip Technology KSZ9567R Datasheet HTML 113Page - Microchip Technology KSZ9567R Datasheet HTML 114Page - Microchip Technology KSZ9567R Datasheet HTML 115Page - Microchip Technology KSZ9567R Datasheet HTML 116Page - Microchip Technology KSZ9567R Datasheet HTML 117Page - Microchip Technology KSZ9567R Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 232 page
background image
KSZ9567R
DS00002329D-page 114
 2017-2019 Microchip Technology Inc.
5.1.6.6
Global PTP RTC Clock Second Low Word Register
5.1.6.7
Global PTP Clock Sub-Nanosecond Rate High Word Register
5.1.6.8
Global PTP Clock Sub-Nanosecond Rate Low Word Register
Address:
0x050A - 0x050B
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Real Time Clock Second [15:0]
This is the low word of the second value of the PTP real time clock.
R/W
0x0000
Address:
0x050C - 0x050D
Size:
16 bits
Bits
Description
Type
Default
15
PTP Rate Direction
Rate direction control for PTP clock Temporary Adjustment and Continuous
Adjustment modes.
1 = The PTP Clock Sub-nanosecond value (this register and Global PTP
Clock Sub-Nanosecond Rate Low Word Register) will be added to the PTP
time every 25MHz clock cycle.
0 = The PTP Clock Sub-nanosecond value will be subtracted from the PTP
time every 25MHz clock cycle.
R/W
0b
14
PTP Temporary Adjustment Mode
1 = Enable temporary incrementing or decrementing of the PTP clock by the
PTP Clock Sub-nanosecond value (this register and the Global PTP Clock
Sub-Nanosecond Rate Low Word Register) every 25MHz clock cycle, for the
duration set in the Global PTP Clock Temp Adjustment Duration High Word
Register and Global PTP Clock Temp Adjustment Duration Low Word
Register.
0 = Stop temporary adjustment of the PTP clock
R/W
0b
13:0
PTP Real Time Clock Sub-Nanosecond [29:16]
This is the high word of the sub-nanosecond value of the PTP real time
clock.
R/W
0x0000
Address:
0x050E - 0x050F
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Real Time Clock Sub-Nanosecond [15:0]
This is the low word of the sub-nanosecond value of the PTP real time clock.
It is used for Continuous Adjustment and Temporary Adjustment modes.
R/W
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com