Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 117 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 117 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 113Page - Microchip Technology KSZ9567R Datasheet HTML 114Page - Microchip Technology KSZ9567R Datasheet HTML 115Page - Microchip Technology KSZ9567R Datasheet HTML 116Page - Microchip Technology KSZ9567R Datasheet HTML 117Page - Microchip Technology KSZ9567R Datasheet HTML 118Page - Microchip Technology KSZ9567R Datasheet HTML 119Page - Microchip Technology KSZ9567R Datasheet HTML 120Page - Microchip Technology KSZ9567R Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 117
KSZ9567R
5.1.6.13
Global PTP Domain and Version Register
8
Enable Checking of Associated Delay_Req and Delay Resp PTP
Messages
Setting this bit will associate Delay_Resp message with Delay_Req
message when it has the same domain, sequenceID and sourcePortID. The
PTP frame will be forwarded to the host port if the ID matches.
R/W
0b
7
Enable Checking of Associated Pdelay_Req and Pdelay_Resp PTP
Messages
Setting this bit will associate Pdelay_Resp/Pdelay_Resp_Follow_Up
message with Pdelay_Req message when it is with the same domain,
sequenceID and sourcePortID. The PTP frame will be forwarded to the host
port if ID matches.
R/W
0b
6
RESERVED
R/W
0b
5
Enable Dropping of Sync/Follow_Up and Delay_Req PTP Messages
Setting this bit will enable the device to automatically drop these Sync/
Follow_up and Delay_Req PTP messages if the Best Master Clock (BMC) is
not determined.
R/W
0b
4
Enable Checking of Domain Field
Setting this bit will enable the device to automatically check the domain field
of the PTP message with the PTP_DOMAIN in the Global PTP Domain and
Version Register. The PTP message will be forwarded to the host port if the
domain field matches. Otherwise it will be dropped.
R/W
0b
3
RESERVED
R/W
0b
2
Enable IPv4/UDP Checksum Calculation for Egress Packets
1 = The switch will re-calculate and generate a 2-byte checksum value when
the frame content changes.
0 = The checksum field is set to zero.
If the IPv4/UDP checksum is zero, the checksum will remain zero regardless
of this bit setting. For IPv6/UDP, the checksum is always updated.
R/W
1b
1
RESERVED
R/W
0b
0
RESERVED
R/W
0b
Address:
0x0518 - 0x0519
Size:
16 bits
Bits
Description
Type
Default
15:12
RESERVED
RO
0x0
11:8
PTP Version
This is the value of the PTP message version number field. All PTP
messages will be captured when the receive message version matches the
value in this field.
All PTP packets will be dropped if the receive PTP message version does
not match the value in this field, except for
R/W
0x2
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com