Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 115 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 115 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 111Page - Microchip Technology KSZ9567R Datasheet HTML 112Page - Microchip Technology KSZ9567R Datasheet HTML 113Page - Microchip Technology KSZ9567R Datasheet HTML 114Page - Microchip Technology KSZ9567R Datasheet HTML 115Page - Microchip Technology KSZ9567R Datasheet HTML 116Page - Microchip Technology KSZ9567R Datasheet HTML 117Page - Microchip Technology KSZ9567R Datasheet HTML 118Page - Microchip Technology KSZ9567R Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 115
KSZ9567R
5.1.6.9
Global PTP Clock Temp Adjustment Duration High Word Register
5.1.6.10
Global PTP Clock Temp Adjustment Duration Low Word Register
5.1.6.11
Global PTP Message Config 1 Register
Address:
0x0510 - 0x0511
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Temporary Adjustment Duration [31:16]
This sets the duration for the PTP clock temporary rate adjustment, in
number of 25MHz clock cycles.
R/W
0x0000
Address:
0x0512 - 0x0513
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Temporary Adjustment Duration [15:0]
This sets the duration for the PTP clock temporary rate adjustment, in
number of 25MHz clock cycles.
R/W
0x0000
Address:
0x0514 - 0x0515
Size:
16 bits
Bits
Description
Type
Default
15:8
RESERVED
RO
0x00
7
Enable IEEE 802.1AS Mode
This bit has no effect unless bit 6 in this register (IEEE 1588 PTP Mode
enable) is also set. When this mode is enabled, it modifies the IEEE 1588
mode behavior. Primarily it causes all PTP messages to be forwarded to the
host port, and the switch will not modify PTP message headers.
1 = enable
0 = disable
R/W
0b
6
Enable IEEE 1588 PTP Mode
When enabled, the switch detects PTP message types and gives them
special forwarding treatment. The switch can modify the header of PTP
messages and insert timestamps. The internal PTP clock is enabled. The tail
tagging format is altered to accommodate timestamps for PTP messages.
1 = enable
0 = disable
R/W
0b
5
Enable Detection of IEEE 802.3 Ethernet PTP Messages
1 = enable
0 = disable
R/W
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com