Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 118 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 118 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 114Page - Microchip Technology KSZ9567R Datasheet HTML 115Page - Microchip Technology KSZ9567R Datasheet HTML 116Page - Microchip Technology KSZ9567R Datasheet HTML 117Page - Microchip Technology KSZ9567R Datasheet HTML 118Page - Microchip Technology KSZ9567R Datasheet HTML 119Page - Microchip Technology KSZ9567R Datasheet HTML 120Page - Microchip Technology KSZ9567R Datasheet HTML 121Page - Microchip Technology KSZ9567R Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 232 page
background image
KSZ9567R
DS00002329D-page 118
 2017-2019 Microchip Technology Inc.
5.1.6.14
Global PTP Unit Index Register
This register is used to index the timestamp unit and trigger unit for accesses to PTP registers in the address range of
0x052C to 0x05B3. The timestamp and trigger units selected in this register will be the units that are read/written when
accessing these registers.
5.1.6.15
GPIO Status Monitor 0 Register
7:0
PTP Domain
This is the value of the PTP message domain number field. If domain
checking is enabled (Global PTP Message Config 2 Register, bit 4), the
timestamp capture will be enabled when the receive PTP message domain
number matches the value in this field. If domain checking is not enabled,
the domain number field will be ignored.
R/W
0x00
Address:
0x0520 - 0x0523
Size:
32 bits
Bits
Description
Type
Default
31:9
RESERVED
RO
0x00000
8
Timestamp Unit Index Pointer (TS_PTR_INDEX)
This bit points to the unit/set registers of the timestamp.
1 = Timestamp Unit 1
0 = Timestamp Unit 0
R/W
0b
7:2
RESERVED
RO
000000b
1:0
Trigger Unit Index Pointer (TRIGGER_PTR_INDEX)
This bit points to the unit/set registers of the trigger.
11 = RESERVED
10 = Trigger Unit 2
01 = Trigger Unit 1
00 = Trigger Unit 0
R/W
00b
Address:
0x0524 - 0x0527
Size:
32 bits
Bits
Description
Type
Default
31:19
RESERVED
RO
0x000
18:16
Event Trigger Output Error (TRIGGER_ERROR)
(Bit 18 = Trigger Unit 2, Bit 17 = Trigger Unit 1, Bit 16 = Trigger Unit 0)
1 = The event trigger time is set earlier than the system time clock when the
TRIGGER_NOTIFY bit is set to “1” in the Trigger Output Unit Control 1 Regis-
ter and will generate an interrupt to the host. This bit can be cleared by reset-
ting the TRIGGER_EN bit to “0” in the Timestamp Control and Status
Register.
0 = No event trigger error.
R/W1C
000b
15:3
RESERVED
RO
0x000
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com