Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 108 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 104Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 105Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 106Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 107Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 108Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 109Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 110Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 111Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 94
MC68HC05V7 Specification Rev. 1.0
15.1.2.2
Reset
This mode is entered from the Power Off mode whenever the MCU supply voltage VDD
rises above the minimum specified value and some MCU reset source is asserted. In order
to prevent an unknown state from being entered and to guarantee correct operation, the
internal MCU reset will be asserted while the MDLC module is being powered up.
This mode is entered from any other mode whenever the MCU supply voltage VDD drops
below the minimum value for correct MDLC operation. When this occurs, the MDLC module
will reenter the Reset mode before being powered down to prevent an unknown state from
being entered.
The Reset mode is also entered from any other mode as soon as one of the MCU’s possible
reset sources (for example, POR, COP watchdog, Reset pin etc.) is asserted.
In this mode, the internal MDLC voltage references are operative, VDD is supplied to the
internal circuits, which are held in their reset state and the internal MDLC system clock is
running. Registers will assume their reset condition. Outputs are held in their programmed
reset state, inputs and network activity are ignored.
15.1.2.3
Run
This mode is entered from the Reset mode after all MCU reset sources are no longer
asserted. It is entered from the MDLC Wait mode whenever a message is successfully
received.
It is entered from the MDLC Stop mode whenever network activity is sensed though
messages will not be received properly until the clocks have stabilized and the CPU is also
in the Run mode.
In this mode, normal network operation takes place. The user should ensure that all MDLC
transmissions have ceased before exiting this mode.
15.1.2.4
MDLC Wait
This power conserving mode is automatically entered from the Run mode whenever the
CPU executes a WAIT instruction and if the WCM bit in the MCR register is previously
cleared.
In this mode, the MDLC internal clocks continue to run but the physical interface circuitry is
placed in a low power mode and awaits a valid network message. If a valid network
message is successfully received (RXMS=1) a CPU interrupt request will be generated.
15.1.2.5
MDLC Stop
This power conserving mode is automatically entered from the Run mode whenever the
CPU executes a STOP instruction, or if the CPU executes a WAIT instruction and the WCM
bit in the MCR register is previously set.
In this mode, the MDLC internal clocks are stopped but the physical interface circuitry is
placed in a low power mode and awaits network activity. If network activity is sensed, then
a CPU interrupt request will be generated, restarting the MDLC internal clocks.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com