Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 110 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 106Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 107Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 108Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 109Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 110Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 111Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 112Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 113Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 96
MC68HC05V7 Specification Rev. 1.0
15.2.2
MDLC CONTROL REGISTER (MCR) $0E
This register is used to configure and control the MDLC.
All bits may be read in all modes of MCU operation.
Bits 0, 4 and 5 may be written to only once after reset after which they become read only
bits.
Bit 1 may always be written.
Bits 6 and 7 may only be set by the CPU, clears are ignored. These bits are cleared
automatically by the MDLC when the appropriate action is completed.
15.2.2.1
RXBM - Receive Block Mode
This bit is set to indicate to the MDLC that the next incoming message will be a block
message. (See 15.7.4 RECEIVING A MESSAGE IN BLOCK MODE).
If this bit is set and the Rx Buffer being loaded with data bytes received from the multiplex
bus is filled or the last byte of the current block message has been received, a CPU
interrupt request is generated (if the IE bit is set) and the Rx Message Successful (RXMS)
bit will be set, just as in normal message reception. Additional incoming bytes will be placed
into the next available Rx Buffer.
The RC3-0 bits of the MRSR register only reflect the byte count of the Rx Buffer available
to the CPU and not a cumulative value of the number of bytes in the block message.
Once set, this bit can only be cleared automatically by the MDLC. It will be cleared following
the successful reception of a message or immediately upon the receiver detecting an error
(CRC, invalid bit etc.), reverting the MDLC to its usual mode of operation in which normal
message lengths are expected. This bit will also be cleared if both Rx Buffers fill, they are
not serviced and further data bytes are received (Block mode ’overflow’ occurs).
The receiver will compute a cumulative CRC throughout the reception of a block message,
and will not treat the CRC calculation as complete until an End of Data (EOD) symbol is
received. At this time the MDLC will automatically clear the RXBM bit indicating to the
programmer that the block message has ended.
15.2.2.2
TXAB - Transmit Abort
This bit is set by the programmer to abort an in-progress transmission. The subsequent
actions depend upon what the transmitter is doing at the point in time when the CPU
interface recognizes this command.
Figure 15-3:
MDLC Control Register (MCR)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
IE
WCM
R0
R1
RESET
00100000
TXAB
RXBM
-
-
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com