Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 113 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 109Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 110Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 111Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 112Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 113Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 114Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 115Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 116Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 99
MC68HC05V7 Specification Rev. 1.0
15.2.3
MDLC STATUS REGISTER (MSR) $0F
This register indicates the transmit and receive status of the MDLC.
All bits may be read in all modes of MCU operation.
Bits 0,1, 4, 5, 6, and 7 will always read as zeros and can never be written to.
Bits 2 and 3 are reflective of CPU interrupt request signals and are asserted as long as their
respective CPU interrupt request is pending. Neither bit is affected by CPU interrupt
requests generated when the MDLC ’wakes up’ from MDLC Stop or MDLC Wait mode.
All writes to this register are ignored in all modes of MCU operation.
15.2.3.1
TXMS - Transmitted Message Successfully
When set this bit indicates that the Tx Buffer contents have been sent successfully.
An access of the Tx Control Register (MTCR) will clear this bit.
15.2.3.2
RXMS - Received Message Successfully
When set, this bit indicates that one of the Rx Buffers contains a new message.
This bit can only be cleared if both Rx Buffers are empty. If only one message has been
received into an Rx Buffer by the MDLC, any access (read or write) of the MDLC Rx Status
Register (MRSR) will clear the RXMS bit.
If a second message is received after the RXMS bit has been cleared by the CPU as it is
retrieving the first message, the RXMS bit will immediately be set again, and will remain set
until the MRSR is accessed once the last message received is made available to the CPU.
If both Rx Buffers contain a received message, the RXMS bit will simply remain set until the
MRSR register is accessed once the last message received is made available to the CPU.
15.2.3.3
TXMS and RXMS Interrupts
If either the TXMS or the RXMS bit is set, and if interrupts are enabled, an interrupt request
will be made to the CPU. The interrupt service routine may poll these bits to establish the
cause of the interrupt. The mechanism for clearing each of these bits will also clear the
associated CPU interrupt request.
Alternatively, if interrupts are disabled, the CPU may poll these bits periodically to see if a
change in status has occurred.
Figure 15-4:
MDLC Status Register (MSR)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
0
0
RXMS
TXMS
0
0
0
0
RESET
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com