Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 117 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 113Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 114Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 115Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 116Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 117Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 118Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 119Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 120Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 103
MC68HC05V7 Specification Rev. 1.0
15.3
MDLC Rx/Tx BUFFERS
The Rx and Tx Buffers provide the interface between the CPU Interface and the Protocol
Handler. They provide buffering of data being sent and received, reducing the frequency of
interrupts to the CPU. Please refer to the MCU memory map for details on the starting and
ending addresses of these buffers within the overall memory map.
15.3.1
OUTLINE
During all modes of MCU operation, the Rx and Tx Buffers are mapped as registers.
Memory mapping these buffers requires the MDLC to supply the user with a count of the
number of bytes in each received message and allows the user to tell the MDLC the length
of a message to be transmitted.
Access arbitration is simplified by the following rules:
•
The user must not read the Rx Buffer until the MDLC signals that an entire
message has been received (Receive Message Successful bit (RXMS) in
the MDLC Status Register (MSR) is set).
•
The user returns the Rx Buffer resource to the MDLC by writing any value
to the MDLC Receive Status Register (MRSR).
•
The user must not write to the Tx Buffer after the MDLC has been told to
transmit the message (length of message has been written to the MDLC
Transmit Control Register (MTCR)).
•
The user must wait until the MDLC has sent the message (indicated by a
CPU interrupt request and the Transmit Message Successful (TXMS) bit
being set), or the message has been aborted (Transmit Abort bit (TXAB)
in the MDLC Control Register (MCR) is toggled) before reloading the Tx
Buffer.
Physical Interface
To CPU
Protocol Handler
MUX Interface
CPU Interface
Rx/Tx
Buffers
To J1850 Bus
MDLC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com