Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 123 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 119Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 120Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 121Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 122Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 123Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 124Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 125Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 126Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 109
MC68HC05V7 Specification Rev. 1.0
15.4.3
STATE MACHINE
All of the functions associated with performing the protocol are executed or controlled by
the State Machine. The State Machine is responsible for framing, collision detection,
arbitration, CRC generation/checking, and error detection. The following sections describe
the MDLC’s actions in a variety of situations.
15.4.3.1
In-Frame Response
The MDLC does not support the In-Frame Response (IFR) feature of J1850. If the MDLC
receives an IFR, it will ignore the response (not placing it in an Rx Buffer) and wait for the
End of Frame (EOF) symbol.
15.4.3.2
4x Speed Mode
The MDLC can exist on the same J1850 bus as modules which use a special 4x mode of
J1850 VPW operation. The MDLC treats 4x mode messages as noise and ignores them.
The MDLC will wait for a valid SOF or BREAK at 10.4 kbps to resume normal operation.
15.4.3.3
Block Mode
While the MDLC can only transmit a maximum of 12 bytes (including CRC byte) in a given
message, it has the ability to receive a message of unlimited length. Like 4x mode, the
programmer will have to determine from a received message that Block mode is to be
enabled. The programmer then sets the “Receive Block Message” (RXBM) bit in the MDLC
Control Register (MCR) to indicate to the MDLC that the following message will be longer
than 12 bytes and not to treat it as a message over length error.
15.4.3.4
Arbitration
Arbitration is performed by the MDLC simply by comparing the data being received from
the J1850 bus with the data being transmitted. This is done by latching the data being
transmitted into a comparator, where it is compared with the data being received from the
J1850 bus. If a valid data bit is received which has a higher priority over what was
transmitted (0 over 1), arbitration is then lost, and the transmitter stops transmitting until a
valid EOF symbol is received from the J1850 bus. See 15.5.5 MESSAGE ARBITRATION
for more information.
If an invalid bit or a symbol in a non-byte boundary is detected, the transmitter will also stop
transmitting.
In VPW, an active signal will always dominate a passive one, and a shorter passive symbol
will dominate a longer passive symbol. This ensures that a logic zero will dominate a logic
one, and the message with the highest priority (lowest value) will win arbitration. See 15.5.5
MESSAGE ARBITRATION for more details.
15.4.3.5
J1850 Bus Errors
The MDLC detects several types of transmit and receive errors which can occur during the
transmission of a message onto the J1850 bus.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com