Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 125 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 121Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 122Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 123Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 124Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 125Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 126Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 127Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 128Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 111
MC68HC05V7 Specification Rev. 1.0
including the CRC byte. Any messages received with more than the maximum number of
bytes will be discarded by the MDLC.
15.4.3.5.7
Invalid Active Level
If the MDLC transmits an active symbol but senses that the bus remains active longer than
163 us, then the MDLC will stop transmitting. The MDLC will treat this invalid active level
just like a received Break symbol. The MDLC will try to transmit the message again after
an idle bus is detected.
15.4.3.5.8
BREAK - Break
Any MDLC transmitting at the time a BREAK is detected will treat the BREAK as if a loss
of arbitration had occurred, and halt transmission. The MDLC will then retry to transmit the
message.
If while receiving a message the MDLC detects a BREAK symbol, it will treat the BREAK
as a reception error and clear the current Rx Buffer pointer.
Table 15-3:
MDLC J1850 Bus Error Summary
Error Condition
MDLC Function
Bus short to VBATT.
The MDLC will not transmit until the bus is idle.
Bus short to Gnd.
The MDLC will try only once to send the message.
No interrupt will be generated.
MDLC
transmits
but
receives invalid bits (noise).
The MDLC will abort transmission immediately. No
interrupt will be generated.
MDLC receives invalid bit.
The MDLC will reset the Rx Buffer pointer and wait
for the next valid SOF. No interrupt will be generated.
MDLC
receives
message
framing error.
The MDLC will reset the Rx Buffer pointer and wait
for the next valid SOF. No interrupt will be generated.
MDLC receives under length
or over length message.
The MDLC will reset the Rx Buffer pointer and wait
for the next valid SOF. No interrupt will be generated.
MDLC receives invalid CRC
The MDLC will reset the Rx Buffer pointer and wait
for the next valid SOF. No interrupt will be generated.
MDLC
receives
BREAK
symbol
The MDLC will reset the Rx Buffer pointer and wait
for the next valid SOF. No interrupt will be generated.
MDLC sends an EOD but
receives an active symbol.
The MDLC will reset the Rx Buffer pointer and try to
resend that message after an idle bus.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com