Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 121 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 121 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 117Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 118Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 119Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 120Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 121Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 122Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 123Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 124Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
ELECTRICAL SPECIFICATIONS
REV 1.1
13-3
NOTES:
1. All values shown reflect average measurements.
2. Typical values at midpoint of voltage range, 25
°C only.
3. Wait IDD: Only timer system (MFT) active.
4. Run (Operating) IDD, Wait IDD: Measured using external square wave clock source to OSC1 (fOSC = 6.0 MHz), all inputs 0.2 VDC from
rail; no DC loads, less than 50pF on all outputs, CL = 20 pF on OSC2.
5. Wait, Stop IDD: All ports configured as inputs, VIL = 0.2 VDC, VIH = VDD-0.2 VDC.
6. Stop IDD measured with OSC1 = VSS.
7. Wait IDD is affected linearly by the OSC2 capacitance.
8. TA = 0°C to +40°C.
9. These are preliminary specifications.
13.4
USB DC ELECTRICAL CHARACTERISTICS
Table 13-4. USB DC Electrical Characteristics
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Hi-Z State Data LIne Leakage
ILO
0V<Vin<3.3V
–10
+10
µA
Differential Input Sensitivity
VDI
|(D+)–(D–)|,
and Figure 12-1
0.2
V
Differential Common Mode
Range
VCM
Includes VDI
range
0.8
2.5
V
Single Ended Receiver
Threshold
VSE
0.8
2.0
V
Static Output Low
VOL
RL of 1.5k to
3.6V
0.3
V
Static Output High
VOH
RL of 15k to
GND
2.8
3.6
V
3.3V External Reference Pin
V3.3
IL=200µA
3.0
3.3
3.6
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com