Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JB2GRS/H Datasheet(PDF) 122 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 118Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 119Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 120Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 121Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 122Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 123Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 124Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 125Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
ELECTRICAL SPECIFICATIONS
MC68HC705JB2
13-4
REV 1.1
13.5
USB LOW SPEED SOURCE ELECTRICAL CHARACTERISTICS
NOTES:
1. All voltages measured from local ground, unless otherwise specified.
2. All timings use a capacitive load of 50pF, unless otherwise specified.
3. Low speed timings have a 1.5k pull-up to 2.8V on the D- data line.
4. Measured from 10% to 90% of the data signal.
5. The rising and falling edges should be smooth transitional (monotonic).
6. Timing differences between the differential data signals.
7. Measured at crossover point of differential data signals.
8. Capacitive loading includes 50pF of tester capacitance.
Table 13-5. USB Low Speed Source Electrical Characteristics
Parameter
Symbol
Conditions
(Notes 1,2,3)
Min
Typ
Max
Unit
Transition time:
Rise Time
Fall Time
TR
TF
Notes 4, 5, 8
CL=50pF
CL=350pF
CL=50pF
CL=350pF
75
75
300
300
ns
ns
ns
ns
Rise/Fall Time Matching
TRFM
TR/TF
80
120
%
Output Signal Crossover
Voltage
VCRS
1.3
2.0
V
Low Speed Data Rate
TDRATE
1.5Mbs
±1.5%
1.4775
676.8
1.500
666.0
1.5225
656.8
Mbs
ns
Source Differential Driver Jitter
To Next Transition
For Paired Transitions
TUDJ1
TUDJ2
CL=350pF
Notes 6,7 and
Figure 12-2
–25
–10
25
10
ns
ns
Receiver Data Jitter Tolerance
To Next Transition
For Paired Transitions
TDJR1
TDJR2
CL=350pF
Notes 7 and
Figure 12-4
–75
–45
75
45
ns
ns
Source EOP Width
TEOPT
Note 7 and
Figure 12-3
1.25
1.50
µs
Differential to EOP Transition
Skew
TDEOP
Note 7 and
Figure 12-3
–40
100
ns
Receiver EOP Width
Must Reject as EOP
Must Accept
TEOPR1
TEOPR2
Note 7 and
Figure 12-3
330
675
ns
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com