Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 116Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 117Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 118Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 119Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 120Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 121Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 122Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 123Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
120/159
DS13564 Rev 4
Figure 33. SPI timing diagram - master mode
1. Measurement points are set at CMOS levels: 0.3 VDD and 0.7 VDD.
CPHA=0
MOSI
OUTPUT
MISO
INPUT
CPHA=0
LSB OUT
LSB IN
CPOL=0
CPOL=1
BIT1 OUT
NSS input
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
th(MI)
High
CPHA=1
CPHA=1
CPOL=0
CPOL=1
tsu(MI)
tv(MO)
th(MO)
MSB IN
BIT6 IN
MSB OUT
ai14136c
Table 76. I2S characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
I2S main clock output
fMCK= 256 x Fs; (Fs = audio sampling
frequency)
Fsmin = 8 kHz; Fsmax = 192 kHz;
2.048
49.152
MHz
fCK
I2S clock frequency
Master data
-
64xFs
MHz
Slave data
-
64xFs
DCK
I2S clock frequency duty
cycle
Slave receiver
30
70
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com