Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 118Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 119Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 120Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 121Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 122Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 123Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 124Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 125Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
122/159
DS13564 Rev 4
Figure 35. I2S master timing diagram (Philips protocol)
1. Based on characterization results, not tested in production.
2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
USART characteristics
Unless otherwise specified, the parameters given in Table 77 for USART are derived from
tests performed under the ambient temperature, fPCLKx frequency and supply voltage
conditions summarized in Table 24: General operating conditions. The additional general
conditions are:
•
OSPEEDRy[1:0] set to 10 (output speed)
•
capacitive load C = 30 pF
•
measurement points at CMOS levels: 0.5 x VDD
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, CK, TX, and RX for USART).
MSv39720V1
CPOL = 0
CPOL = 1
tc(CK)
WS output
SDreceive
SDtransmit
tw(CKH)
tw(CKL)
tsu(SD_MR)
tv(SD_MT)
th(SD_MT)
th(WS)
th(SD_MR)
MSB receive
Bitn receive
LSB receive
MSB transmit
Bitn transmit
LSB transmit
tf(CK)
tr(CK)
tv(WS)
LSB receive(2)
LSB transmit(2)
10%
90%
Table 77. USART characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock frequency
Master mode
-
-
8
MHz
Slave mode
-
-
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com