Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 119Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 120Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 121Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 122Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 123Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 124Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 125Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 126Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 159 page
background image
DS13564 Rev 4
123/159
STM32G0C1xC/xE
Electrical characteristics
124
USB full speed (FS) characteristics
The STM32G0C1xC/xE USB interface is fully compliant with the USB specification version
2.0 and Battery charging rev 1.2 (primary and secondary detection).
tsu(NSS)
NSS setup time
Slave mode
tker + 2
-
-
ns
th(NSS)
NSS hold time
Slave mode
2
-
-
tw(CKH)
CK high time
Master mode
1 / fCK / 2
- 1
1 / fCK / 2
1 / fCK / 2
+ 1
tw(CKL)
CK low time
tsu(RX)
Data input setup time
Master mode
tker + 2
-
-
Slave mode
4
-
-
th(RX)
Data input hold time
Master mode
1
-
-
Slave mode
0.5
-
-
tv(TX)
Data output valid time
Master mode
-
0.5
1
Slave mode
-
10
19
th(TX)
Data output hold time
Master mode
0
-
-
Slave mode
7
-
-
Table 77. USART characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 78. USB FS electrical characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Conditions
Min(2)
2. All the voltages are measured from the local ground potential.
Typ
Max(2) Unit
VDDIO2
USB full speed transceiver
operating voltage
-3.0(3)
3. The USB full speed transceiver functionality is ensured down to 2.7 V but not the full USB full speed
electrical characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range.
-3.6
V
RPD
Pull down resistor on PA11,
PA12 (USB_FS_DP/DM)
VIN = VDD
14.25
-
24.8
kΩ
RPU
Pull Up Resistor on PA12
(USB_FS_DP)
VIN = VSS, during idle
0.9
1.25
1.575
kΩ
Pull Up Resistor on PA12
(USB_FS_DP)
VIN = VSS during
reception
1.425
2.25
3.09
kΩ
VCRS
Output signal crossover voltage
-
1.3
-
2.0
V
ZDRV
Output driver impedance(4)
4. No external termination series resistors are required on DP (D+) and DM (D-) pins as the matching
impedance is included in the embedded driver..
Driving high or low
28
36
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com