Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 120Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 121Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 122Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 123Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 124Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 125Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 126Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 127Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
124/159
DS13564 Rev 4
Figure 36. USB timings – definition of data signal rise and fall time
UCPD characteristics
UCPD1 and UCPD2 controllers comply with USB Type-C Rev.2 and USB Power Delivery
Rev. 3.0 specifications.
CAN (controller area network) interface
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (FDCANx_TX and FDCANx_RX).
ai14137b
Cross over
points
Differential
data lines
VCRS
VSS
tf
tr
Table 79. UCPD operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
UCPD operating supply
voltage
Sink mode only
3.0
3.3
3.6
V
Sink and source mode
3.135
3.3
3.465
Vswing
Output voltage swing
-
1.05
-
1.2
ZDRV
Output driver impedance
Driving high or low
33
-
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com