Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL98607 Datasheet HTML 1Page - Renesas Technology Corp ISL98607 Datasheet HTML 2Page - Renesas Technology Corp ISL98607 Datasheet HTML 3Page - Renesas Technology Corp ISL98607 Datasheet HTML 4Page - Renesas Technology Corp ISL98607 Datasheet HTML 5Page - Renesas Technology Corp ISL98607 Datasheet HTML 6Page - Renesas Technology Corp ISL98607 Datasheet HTML 7Page - Renesas Technology Corp ISL98607 Datasheet HTML 8Page - Renesas Technology Corp ISL98607 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ISL98607
1. Overview
FN8421 Rev.1.00
Page 4 of 29
Jun.3.19
1.3
Pin Configurations
1.4
Pin Descriptions
20 Bump, 4x5 ARRAY, 0.4mm Pitch WLCSP
Top View
20 Ld 3x4 TQFN
Top View
Pin Number
(WLCSP)
Pin Number
(TQFN)
Pin Name
Description
A1, B1
15, 16
PGND
Power ground for the boost converter.
A2, E1
11, 18
DNC
Do not connect to external circuitry. This pin should be left floating.
A3, A4
19, 20
VP
VP Output. Connect a 10µF capacitor to ground.The VP pins must always be shorted together on
the PCB.
B2
17
LXP
Switch node for boost converter. Connect an inductor between the VIN and LXP pins for boost
converter operation.
B3
1
VBST
Boost Converter Output. The boost converter output supplies the power to the negative charge
pump and LDO. Connect a 10µF capacitor to ground.
B4
2
VBSTCP
Charge pump input. This pin must be connected to VBST on the PCB, so that the boost regulator
provides the input voltage supply for the charge pump.
C1
14
AGND
Analog ground.
C2
12
ENN
VBST and VN enable input. Note, this pin has 200kΩ (typical) pull-down to AGND.
C3
9
ENP
VBST and VP enable input. Note, this pin has 200kΩ (typical) pull-down to AGND.
C4
3
CP
Charge pump positive connection. Place a capacitor between CP and CN to create the VN
voltage.
D1
13
VIN
Input Supply. Connect a 10µF capacitor to ground.
D2
10
SDA
Serial Data Connection for the I2C Interface.
D3
8
SCL
Serial Clock Connection for the I2C Interface.
D4
4
PGND
Power ground for the negative charge pump.
E2
7
VSUB
Substrate connection. VSUB must be the most negative potential on the IC, connect VSUB to VN.
E3
6
VN
Negative charge pump output. Connect a 10µF capacitor to ground. Connecting two 10µF
capacitors to ground lowers the negative charge pump output voltage ripple.
E4
5
CN
Charge pump negative connection. Place a capacitor between CP and CN to generate the VN
voltage.
N/A
-
Thermal
Pad
Connect to ground plane on PCB to maximize the thermal performance.
A1
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
E1
E2
E3
E4
19
VBST
VBSTCP
CP
PGND
20
18
17
14
12
11
13
8
79
10
AGND
VIN
ENN
DNC
1
3
2
6
4
5
CN
VN
15 PGND
16 PGND
Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com