Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 6Page - Renesas Technology Corp ISL98607 Datasheet HTML 7Page - Renesas Technology Corp ISL98607 Datasheet HTML 8Page - Renesas Technology Corp ISL98607 Datasheet HTML 9Page - Renesas Technology Corp ISL98607 Datasheet HTML 10Page - Renesas Technology Corp ISL98607 Datasheet HTML 11Page - Renesas Technology Corp ISL98607 Datasheet HTML 12Page - Renesas Technology Corp ISL98607 Datasheet HTML 13Page - Renesas Technology Corp ISL98607 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 10 of 29
Jun.3.19
4.
Application Information
4.1
I2C Digital Interface
The ISL98607 uses a standard I2C interface bus for communication. The two-wire interface links a Master(s) and
uniquely addressable Slave devices. The Master generates clock signals and is responsible for initiating data
transfers. The serial clock is on the SCL line and the serial data (bi-directional) is on the SDA line. The ISL98607
supports clock rates up to 400kHz (Fast-Mode), and is backwards compatible with standard 100kHz clock rates
(Standard-mode).
The SDA and SCL lines must be HIGH when the bus is free (not in use). An external pull-up resistor (typically
2.2kΩ to 4.7kΩ) or current-source is required for SDA and SCL.
The ISL98607 meets standard I2C timing specifications. Figure 13 and Table 1 on page 10 show the standard
timing definitions and specifications for I2C communication.
4.1.1 Low-Power Mode
The I2C interface of ISL98607 remains active even when both ENN and ENP are LOW for up to 30ms. When ENN
and ENP both remain LOW, and no I2C communication occurs for more than 30ms, the ISL98607 enters a
low-power mode. This mode disables the I2C interface, but the interface is re-activated as soon as ISL98607
detects a logic LOW on SCL or SDA.
For the ISL98607, when the I2C interface is not used, both the SDA and SCL inputs must be tied HIGH (such as
to VIN) or pulled-up to a logic HIGH level, to ensure the part enters the Low-Power consumption mode when ENN
and ENP are held LOW longer than 30ms. This feature optimizes battery power saving in handheld products,
such as, when the display system is put into a standby/sleep mode.
Figure 13. I2C Timing Definitions
Table 1.
I2C Timing Characteristics
Parameter
Symbol
Fast-Mode
Standard-Mode
Unit
Min
Max
Min
Max
SCL Clock Frequency
fSCL
0
400
0
100
kHz
Set-Up Time for a Start Condition
tSU:STA
0.6
-
4.7
-
µs
Hold Time for a Start Condition
tHD:STA
0.6
-
4.0
-
µs
Set-Up Time for a Stop Condition
tSU:STO
0.6
-
4.0
-
µs
Bus Free Time between a Stop and Start Condition
tBUF
1.3
-
4.7
-
µs
Data Set-up Time
tSU:DAT
100
-
250
-
ns
Data Hold Time
tHD:DAT
0-
0
-
µs
Rise Time of SDA and SCL (Note 10)tr
20 + 0.1Cb
300
-
1000
ns
Fall Time of SDA and SCL (Note 10)tf
20 + 0.1Cb
300
-
300
ns
Capacitive Load on Each Bus Line (SDA/SCL)
Cb
-
400
-
400
pF
Note:
10. Cb = total capacitance of one bus line in pF.
tSU:STA
Start
tHD:STA
tr
tf
tSU:DAT
tHD:DAT
Stop
Start
tBUF
tSU:STO
VIH
VIL
VIH
VIL
SDA
SCL
tr
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com