Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 9Page - Renesas Technology Corp ISL98607 Datasheet HTML 10Page - Renesas Technology Corp ISL98607 Datasheet HTML 11Page - Renesas Technology Corp ISL98607 Datasheet HTML 12Page - Renesas Technology Corp ISL98607 Datasheet HTML 13Page - Renesas Technology Corp ISL98607 Datasheet HTML 14Page - Renesas Technology Corp ISL98607 Datasheet HTML 15Page - Renesas Technology Corp ISL98607 Datasheet HTML 16Page - Renesas Technology Corp ISL98607 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 13 of 29
Jun.3.19
4.4
Register Descriptions and Addresses
Table 2 on page 15 contains the detailed register map, with descriptions and addresses for ISL98607 registers.
Each volatile register is one byte (8-bit) in size. When writing data to adjust register settings using I2C, the data is
latched-in after the 8th bit (LSB) is received.
The ISL98607 has default register settings that are always applied at IC power-ON or after a reset. In Table 2, the
default register settings are indicated with Bold face text.
Reserved registers should only be written with the bit value indicated in the Register Map. Also, Register
Addresses (pointers) not indicated in the Register Map are reserved and should not be written to.
Note: To clear/reset all the volatile registers to the default values, power cycle VIN.
4.5
Register Functions
The ISL98607 has various registers that can be used to adjust and control IC operating voltages, modes,
thresholds, and sequences.
4.5.1 ENABLE
The “ENABLE” register (Register Address 0x05) controls the enable/disable state of the boost (VBST), positive
LDO (VP), and negative charge pump (VN) regulators, which sequences the regulators.
4.5.2 VBST_OUT, VN_OUT, VP_OUT
The output voltages of VBST, VP, and VN regulators are changed using the registers VBST_OUT (Register
Address 0x06), VP_OUT (Register Address 0x09), and VN_OUT (Register Address 0x08), respectively.
The output voltages of all three regulators are changed from their default values using I2C. The VP regulator is
programmed from +5V to +5.7V, the VN regulator is programmed from -5V to -5.7V, and the VBST regulator is
programmed from +5.15V to +6.0V (each adjustable with 50mV step size). Do not use register settings that result
in an expected output voltage above these maximum levels. To determine the expected output voltage for a
specific register value, see “Output Voltage Calculation” on page 14.
Note: The output voltage registers should not be changed during their respective soft-start sequence.
Figure 16. I2C Read Timing Diagram
Write
Register
Pointer
SDA
(from Master)
SDA
(from Slave)
SCL
(from Master)
76 543 2 1 0
A
765 432 10
A
A
765 432 10 A
Read Data
SDA
(from Master)
SDA
(from Slave)
SCL
(from Master)
76 543 2 1 0 A
START
Device Address R
Start
Device Address W
Register Pointer
Stop
NOTE: First send register pointer to
indicate the read-back starting location
A
This Stop condition is optional (not
required) to do read-back. The device
also supports repeated starts.
76 543 210 A
(No ACK)
Data
Stop
76 543 210
A
7 6 5 432 10
Device Address = 0x29
A
76 543 2 1 0
Device Address = 0x29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com