Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 21Page - Renesas Technology Corp ISL98607 Datasheet HTML 22Page - Renesas Technology Corp ISL98607 Datasheet HTML 23Page - Renesas Technology Corp ISL98607 Datasheet HTML 24Page - Renesas Technology Corp ISL98607 Datasheet HTML 25Page - Renesas Technology Corp ISL98607 Datasheet HTML 26Page - Renesas Technology Corp ISL98607 Datasheet HTML 27Page - Renesas Technology Corp ISL98607 Datasheet HTML 28Page - Renesas Technology Corp ISL98607 Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
ISL98607
7. Package Outline Drawings
FN8421 Rev.1.00
Page 27 of 29
Jun.3.19
7.
Package Outline Drawings
W4x5.20E
20 Ball Wafer Level Chip Scale Package (WLCSP) (BSC)
Rev 1, 1/13
NOTES:
Dimensions and tolerance per ASME Y 14.5M - 1994.
Dimension is measured at the maximum bump diameter
parallel to primary datum Z .
Primary datum Z and seating plane are defined by the spherical
crowns of the bump.
Bump position designation per JESD 95-1, SPP-010.
There shall be a minimum clearance of 0.10mm between
the edge of the bump and the body edge.
3.
2.
4.
1.
5.
BOTTOM VIEW
TOP VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
PIN 1
PACKAGE
0.400
0.05 Z
0.265±0.035
0.200±0.030
0.540±0.050
(4X)
Y
1.200
0.400
1.600
20x 0.265±0.035
12
3
4
0.200
A
B
C
D
E
3
SEATING PLANE
Z
1.82±0.030
(A1 CORNER)
2.15±0.030
0.310
0.275
0.240
0.290
0.10
OUTLINE
0.10
Z X Y
0.05
Z
0.040 BSC
(BACK IDE COATING)
For the most recent package outline drawing, see W4x5.20E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com