Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 12Page - Renesas Technology Corp ISL98607 Datasheet HTML 13Page - Renesas Technology Corp ISL98607 Datasheet HTML 14Page - Renesas Technology Corp ISL98607 Datasheet HTML 15Page - Renesas Technology Corp ISL98607 Datasheet HTML 16Page - Renesas Technology Corp ISL98607 Datasheet HTML 17Page - Renesas Technology Corp ISL98607 Datasheet HTML 18Page - Renesas Technology Corp ISL98607 Datasheet HTML 19Page - Renesas Technology Corp ISL98607 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 16 of 29
Jun.3.19
4.7
Output Voltage Setting
The VBST, VP, and VN output voltages are adjusted (from the default value) by the VBST_OUT, VP_OUT, and
VN_OUT volatile registers. Equations 1 through 3 on page 14 provide the relation between the value of the I2C
registers and the respective output voltages.
4.8
VP and VN Headroom Voltage and Output Current
The VP and VN headroom voltage is defined as the difference between the VBST output voltage and:
• the maximum VP output voltage: VP headroom
• the absolute value of the VN output voltage: VN headroom
The headroom voltage must be set high enough so that both the VP LDO and VN negative Charge Pump (CP)
can maintain regulation. Primarily, the minimum headroom voltage is a function of the maximum application load
current that the IC needs to support for at least few hundreds of microseconds. Fast output current peaks of only
a few microseconds should not be considered (those instantaneous current peaks are supported by the output
capacitors and not by the regulator).
Note: The headroom voltage should not be set overly high, because increasing headroom generally yields lower
efficiency performance due to increased conduction losses.
For most applications, the ISL98607 default 150mV headroom voltage setting provides optimal performance for
DC output current up to 100mA (maximum). For DC output current between 100mA and 150mA (maximum), the
headroom voltage should be adjusted to 250mV. For example: if a maximum VP to VN load of 150mA is required,
while VP = 5V and VN = -5V, then the minimum boost voltage should be set to VBST = 5.25V.
4.9
Regulator Output Enable/Disable
The boost converter, VBST, will be enabled whenever either ENP or ENN is HIGH, and the VBST enable bit <b0>
in the ENABLE register is set to ‘1’. To disable the boost (and effectively VP and VN), ENN and ENP must be
LOW, or its enable bit set to ‘0’.
The negative charge pump, VN, is enabled whenever ENN is HIGH, and the VN enable bit <b1> in the ENABLE
register is set to ‘1’. To disable, ENN must be LOW, or its enable bit set to ‘0’.
The LDO, VP, is enabled whenever ENP is HIGH, and the VP enable bit <b2> in the ENABLE register is set to ‘1’.
To disable ENP must be LOW, or its enable bit set to ‘0’.
All the ENABLE register bits <b2:b0> are set to ‘1’ by default.
Various options to control the regulator output ON/OFF sequencing are possible with ISL98607, refer to the
“Enable Timing Control Options” on page 19 for more information.
Note, ENP and ENN are logic level inputs with HIGH/LOW thresholds defined by the VIH/VIL specifications,
respectively. These inputs also have 200kΩ (typical) internal pull-down resistance to ground. If the pins are left
hi-impedance, they will default to a LOW logic state. Refer to the “Logic” section of the “Electrical Specifications”
table on page 7 for more information.
4.10 Negative Charge Pump Operation (VN)
The ISL98607 uses a negative charge pump with internal switches to create the VN voltage rail. The charge pump
input voltage VBSTCP comes from the boost regulator output, VBST. The VBST voltage must be greater than the
absolute value of the VN regulation voltage (for example, the headroom voltage has to be > 0V).
Regulation is achieved through a classic voltage mode architecture where an internally compensated gm amplifier
compares the VN output voltage to the internal reference and sets a duty cycle. The duty cycle controls the
amount of time the output capacitor is charged during each switching cycle. The maximum duty cycle is 50%. The
charge pump output capacitor (placed on the VN pin) is charged and discharged through internal 450mA current
sources to minimize system noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com