Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 19Page - Renesas Technology Corp ISL98607 Datasheet HTML 20Page - Renesas Technology Corp ISL98607 Datasheet HTML 21Page - Renesas Technology Corp ISL98607 Datasheet HTML 22Page - Renesas Technology Corp ISL98607 Datasheet HTML 23Page - Renesas Technology Corp ISL98607 Datasheet HTML 24Page - Renesas Technology Corp ISL98607 Datasheet HTML 25Page - Renesas Technology Corp ISL98607 Datasheet HTML 26Page - Renesas Technology Corp ISL98607 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 23 of 29
Jun.3.19
• Output load current = 100mA
• Efficiency = 80%
•L = 2.2µH
Substituting previous parameters in Equation 8 gives us:
IPk = 453mA
The ISL98607 boost regulator operates in DCM and PFM mode at light load. In PFM mode, it uses a fixed peak
inductor current of ~340mA.
To avoid the inductor core saturation, the saturation current of the inductor selected should be higher than the
greater of the peak inductor current (for CCM) and the 340mA peak current in PFM mode.
The 340mA peak inductor current in PFM mode is optimized to provide maximum efficiency with a 2.2µH inductor
value. If a smaller inductor is used, less energy is delivered per cycle, the ISL98607 switches at a higher
frequency, and the efficiency reduces. Increasing the inductor increases the energy delivered per pulse. However,
for a given inductor size the DC-resistance (DCR) increases with inductor value, so the conduction losses
increase. L = 2.2µH is the optimal value for ISL98607.
Table 3 shows the recommended inductors for typical ISL98607 applications (small size, handheld TFT-LCD
display power).
4.16.3 Output Capacitor
The output capacitor supplies current to the load during transient conditions, and reduces the ripple voltage at the
output. Output ripple voltage consists of two components:
• The voltage drop due to the inductor ripple current flowing through the ESR of the output capacitor.
• Charging and discharging of the output capacitor.
For low ESR ceramic capacitors, the output ripple is dominated by the charging and discharging of the output
capacitor. The voltage rating of the output capacitor should be greater than the maximum output voltage.
Note: Capacitors have a voltage coefficient. The effective capacitance reduces (derates) as the operating
voltage/bias increases. Always see the manufacture’s derating information to determine effective capacitance for
the operating conditions.
The effective capacitance at the nominal output voltage should be 2.2µF for VBST and VP regulator, and 4.4µF
for VN. Renesas recommends using a 10µF X5R 10V or equivalent ceramic output capacitor for both VBST and
VP outputs to provide a minimum of 2.2µF effective capacitance. For the VN output, Renesas recommends use
one or two 10µF X5R 10V or equivalent ceramic output capacitors. Using two VN output capacitors results in
<50mV peak-to-peak output voltage ripple with input voltages from 2.8V to 4.4V.
Table 3.
Recommended Inductors
Inductor Part Number
Inductance (µH)
DCR (mΩ)ISAT (A)
Footprint Size
VLF302510MT-2R2M (TDK)
2.2
70
1.23
3025
DFE252012C (Toko)
2.2
90
2.00
2520
TFM201610G-2R2M (TDK)
2.2
150
1.20
2016
Table 4.
Recommended Output Capacitors
Capacitor Part Number
Value (µF)
Size
Quantity
GRM155R61A106ME11 (Murata)
10
0402
x5: CIN, CVBST, CVP, CVN, CCP
x1: CVN (x2 for minimum ripple)
GRM188R61C475KAAJ (Murata)
4.7
0603
x5: CIN, CVBST, CVP, CVN, CCP
x1: CVN (x2 for minimum ripple)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com