Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 18Page - Renesas Technology Corp ISL98607 Datasheet HTML 19Page - Renesas Technology Corp ISL98607 Datasheet HTML 20Page - Renesas Technology Corp ISL98607 Datasheet HTML 21Page - Renesas Technology Corp ISL98607 Datasheet HTML 22Page - Renesas Technology Corp ISL98607 Datasheet HTML 23Page - Renesas Technology Corp ISL98607 Datasheet HTML 24Page - Renesas Technology Corp ISL98607 Datasheet HTML 25Page - Renesas Technology Corp ISL98607 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 22 of 29
Jun.3.19
4.16 Component Selection
The design of the boost converter is simplified by an internal compensation scheme, which allows easy system
design without complicated calculations. Select component values using the following recommendations.
4.16.1 Input Capacitor
Renesas recommends that a 10µF X5R/X7R or equivalent ceramic capacitor is placed on the VIN input supply.
4.16.2 Inductor
First, determine the minimum inductor saturation current required for the application.
The ISL98607 operates in Continuous Conduction Mode (CCM) at higher load current, and in Discontinuous
Conduction Mode (DCM) and PFM mode at lighter loads.
In CCM, you can calculate the peak inductor current using Equations 4 through 8.
Given these parameters:
• Input Voltage = VIN
• Output Voltage = VO
• Duty Cycle = D
• Switching Frequency = fSW
•tSW =1/fSW
Then the inductor ripple can be calculated as:
where D = 1 - (VIN/VO), then rewrite Equation 4:
The average inductor current is equal to the average input current, where IIAVG can be calculated from the
efficiency of the converter.
To find the peak inductor current write the expression as:
Substituting Equations 5 and 6 in Equation 7 calculates IPk.
Example:
Consider the following parameters in the steady-state boost regulator operating in CCM mode.
•VIN =2.5V
•VO =5.3V
•fSW =1.45MHz
IP-P
VIN
 D

=
L
f
SW
V
O 
(EQ. 4)
IP-P
VIN
 VO VIN
–

=
L
f
SW
V
O 
(EQ. 5)
IIAVG
VOIO
 VINEfficiency

=
(EQ. 6)
IPk IP-P 2
=
IIAVG
+
(EQ. 7)
IPK
0.5VIN VO VIN
–
L
 fSWVO VO
I
O 
+
V
 INEFF

=
(EQ. 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com