Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 16Page - Renesas Technology Corp ISL98607 Datasheet HTML 17Page - Renesas Technology Corp ISL98607 Datasheet HTML 18Page - Renesas Technology Corp ISL98607 Datasheet HTML 19Page - Renesas Technology Corp ISL98607 Datasheet HTML 20Page - Renesas Technology Corp ISL98607 Datasheet HTML 21Page - Renesas Technology Corp ISL98607 Datasheet HTML 22Page - Renesas Technology Corp ISL98607 Datasheet HTML 23Page - Renesas Technology Corp ISL98607 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 20 of 29
Jun.3.19
4.14.2 Separate ENP and ENN pins (2 GPIO control)
Using two separate GPIO’s, and controlling the timing between the ENP and ENN pins, the turn on/off events can
be controlled. The method to control turn on/off by GPIO is valid when the respective enable bits in the ENABLE
register at Register Address 0x05 are set to ‘1’ (default). So, this method is used at IC power-ON (no I2C
communication is required).
By design, the VN regulator turns on 2ms after the ENN signal goes HIGH.
Figure 26 on page 21 shows a 5ms delay (example) between the ENP and ENN rise. VN turns on 2ms after ENN.
Figure 27 on page 21 shows a 5ms delay (example) between the ENP and ENN fall.
Figure 22. On-Sequence - I2C Control
Figure 23. Off-Sequence - I2C Control
Figure 24. I2C Sequence and VP Response
Figure 25. I2C Sequence and VP/VN Response
VP = 2V/Div
VN = 2V/Div
1ms/Div
VP
VN
0V
0V
-5V
+5V
VP = 2V/Div
VN = 2V/Div
1ms/Div
VP
VN
0V
0V
-5V
+5V
SCL = 2V/Div (DC)
SDA = 2V/Div (DC)
50µs/Div
VP = 1V/Div
VN = 1V/DV
0V
SCL = 2V/Div (DC)
SDA = 2V/Div (DC)
500µs/Div
VP = 1V/Div
VN = 1V/Div
-5V
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com