Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 8Page - Renesas Technology Corp ISL98607 Datasheet HTML 9Page - Renesas Technology Corp ISL98607 Datasheet HTML 10Page - Renesas Technology Corp ISL98607 Datasheet HTML 11Page - Renesas Technology Corp ISL98607 Datasheet HTML 12Page - Renesas Technology Corp ISL98607 Datasheet HTML 13Page - Renesas Technology Corp ISL98607 Datasheet HTML 14Page - Renesas Technology Corp ISL98607 Datasheet HTML 15Page - Renesas Technology Corp ISL98607 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 12 of 29
Jun.3.19
4.1.7 Device Address and R/W Bit
Data transfers follow the format shown in Figures 15 and 16. After a valid Start condition, the first byte sent in a
transaction contains the 7-bit Device (Slave) Address plus a direction (R/W) bit. The Device Address identifies
which device (of up to 127 devices on the I2C bus) the Master wishes to communicate with.
After a Start condition, the ISL98607 monitors the first 8 bits (Device Address Byte) and checks for its 7-bit Device
Address in the MSBs. If it recognizes the correct Device Address, it acknowledges and becomes ready for further
communication. If it does not see its Device Address, it sits idle until another Start condition is issued on the bus.
To access the ISL98607, the 7-bit Device Address is 0x29 (0101001x), located in MSB bits <b7:b1>. The 8th bit of
the Device Address byte (LSB bit <b0>) indicates the direction of transfer, READ or WRITE (R/W). A “0” indicates
a WRITE operation (the Master transmits data to the ISL98607 (receiver)). A “1” indicates a Read operation (the
Master receives data from the ISL98607 (transmitter)), see Figure 14.
4.2
Write Operation
A WRITE sequence requires an I2C Start condition, followed by a valid Device Address Byte with the R/W bit set
to ‘0’, a valid Register Address Byte, a Data Byte, and a Stop condition. After each valid byte is sent, the ISL98607
(slave) responds with an ACK. When the Write transaction is completed, the Master should generate a Stop
condition. For sent data to be latched by the ISL98607, the Stop condition should occur after a full byte (8-bits) is
sent and ACK. If a Stop is generated in the middle of a byte transaction, the data is ignored. See Figure 15 for the
ISL98607 I2C Write protocol.
4.3
Read Operation
A READ sequence requires the Master to first write to the ISL98607 to indicate the Register Address/pointer to
read from. Send a Start condition, followed by a valid Device Address Byte with the R/W set to ‘0’, and then a valid
Register Address Byte. Then the Master generates either a Repeat Start condition, or a Stop condition followed by
a new Start condition, and a valid Device Address Byte with the R/W bit set to ‘1’. Finally, the ISL98607 is ready to
send data to the Master from the requested Register Address.
The ISL98607 sends out the Data Byte by asserting control of the SDA pin while the Master generates clock
pulses on the SCL pin. When transmission of the desired data is complete, the Master generates a NACK
condition followed by a Stop condition, and this completes the I2C Read sequence. See Figure 16 on page 13 for
the ISL98607 I2C Read protocol.
Figure 14. Device Address Byte Format
Figure 15. I2C Write Timing Diagram
1
0
1
0
R/W
1
0
0
Read = 1
Write = 0
Device Address = 0x29
B7
B6
B5
B4
B3
B2
B1
B0
Write Data
SDA
(from Master)
SDA
(from Slave)
SCL
(from Master)
76543 2 1 0
A
A 76 5 4 3 2 10
Start
Device Address W
Register Pointer
76 5 4 3 2 10
A 76 5 4 3 2 10 A
Data
Stop
A
A
76 5 4 3 2 10
76543 2 1 0
Device Address = 0x29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com