Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 20Page - Renesas Technology Corp ISL98607 Datasheet HTML 21Page - Renesas Technology Corp ISL98607 Datasheet HTML 22Page - Renesas Technology Corp ISL98607 Datasheet HTML 23Page - Renesas Technology Corp ISL98607 Datasheet HTML 24Page - Renesas Technology Corp ISL98607 Datasheet HTML 25Page - Renesas Technology Corp ISL98607 Datasheet HTML 26Page - Renesas Technology Corp ISL98607 Datasheet HTML 27Page - Renesas Technology Corp ISL98607 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
ISL98607
5. General Layout Guidelines
FN8421 Rev.1.00
Page 24 of 29
Jun.3.19
5.
General Layout Guidelines
When designing the printed circuit board (PCB) layout for the ISL98607, it is very important to understand the
power requirements of the system. Some general best practices should be adhered to create an optimal PCB
layout:
1. Careful consideration should be taken with any traces carrying AC signals. Keep AC current loops as short and
as tight as possible. The current loop generates a magnetic field, which can couple to another conductor,
inducing unwanted voltage. Place components such that current flows through them in a straight line as much
as possible, which helps reduce the loop sizes and the EMI from the PCB.
2. If trace lengths are long, the resistance of the trace increases, can cause some reduction in IC efficiency, and
cause system instability. Make the traces carrying power wide and short.
3. In discontinuous conduction mode, the direction of the current is interrupted every few cycles. This may result
in large di/dt (transient load current). When injected in the ground plane the current may cause voltage drops,
which can interfere with sensitive circuitry. Connect the analog ground and power ground of the IC very close
to the IC to mitigate this issue.
4. One plane/layer in the PCB is recommended to be a dedicated ground plane. A large area of metal will have
lower resistance, which reduces the return current impedance. More ground plane area minimizes parasitics
and avoids corruption of the ground reference.
5. Isolate low frequency digital signals from any high frequency signals generated by switching frequency and
harmonics. PCB traces should not cross each other. If they must cross due to the layout restriction, they must
cross perpendicularly to reduce the magnetic field interaction.
6. The amount of copper that should be poured (thickness) depends upon the power requirement of the system.
Insufficient copper increases resistance of the PCB, which increases heat dissipation.
7. Generally, vias should not be used to route high current paths.
8. While designing the layout of switched controllers, do not use the auto routing function of the PCB layout
software. Auto routing connects the nets with same electrical name and does not account for ideal trace
lengths and positioning.
5.1
ISL98607 Specific Layout Guidelines
1. Connect the input capacitor to the VIN pin with the smallest trace possible. This helps reject high frequency
disturbances and promotes good regulation of the VBST, VP, and VN regulators.
2. Connect the boost inductor to the LXP pin with a short and wide trace. Careful consideration should be made
in selecting the inductor as it may cause electromagnetic interference, which could affect IC functionality. A
shielded inductor is recommended.
3. The device has VBST and VBSTCP pins. VBST is the output of the boost regulator and VBSTCP is the input
for the negative charge pump. Connect and short VBST and VBSTCP to each other on the PCB with a short
and thick trace to avoid parasitic inductance and resistance. A 10µF/10V capacitor should be used on VBST.
The distance of the capacitor from the VBST and VBSTCP pin is critical (it should be placed very close to the
IC with a short and thick trace).
4. Renesas highly recommends that VN and VSUB are shorted together with a short and thick trace. It is
recommended that 2x10µF/10V capacitors are placed on VN to minimize output ripple. Additionally, it helps
minimize noise that may be coupled from the high-frequency ripple of the charge pump.
5. The VP regulator has two output pins (VP). Connect both pins directly with a short and thick trace.
6. Connect the IC Analog ground (AGND) and power ground (PGND) to each other. It is crucial to connect/short
these two grounds very close to the IC.
7. Isolate the digital input pins, ENN and ENP, from the high di/dt and dv/dt signals. Otherwise, it may cause a
glitch on those inputs.
8. I2C signals, if not used, should be tied to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com