Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL98607 Datasheet HTML 1Page - Renesas Technology Corp ISL98607 Datasheet HTML 2Page - Renesas Technology Corp ISL98607 Datasheet HTML 3Page - Renesas Technology Corp ISL98607 Datasheet HTML 4Page - Renesas Technology Corp ISL98607 Datasheet HTML 5Page - Renesas Technology Corp ISL98607 Datasheet HTML 6Page - Renesas Technology Corp ISL98607 Datasheet HTML 7Page - Renesas Technology Corp ISL98607 Datasheet HTML 8Page - Renesas Technology Corp ISL98607 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ISL98607
2. Specifications
FN8421 Rev.1.00
Page 5 of 29
Jun.3.19
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Thermal Information
2.3
Recommended Operation Conditions
Parameter
Minimum
Maximum
Unit
VBST, VBSTCP, CP, VP to AGND
-0.3
7
V
VN, VSUB to AGND
+0.3
-7
V
VIN, SCL, SDA, ENN, ENP to AGND
-0.3
6
V
LXP to AGND
-0.3
VBST + 0.3
V
CN to AGND
VN - 0.3
PGND + 0.3
V
Maximum Average Current Out of VBST Pin
1
A
Maximum Average Current Into LXP Pin
1
A
Maximum Average Current Into CN, CP Pin
-1
A
ESD Rating
Value
Unit
Human Body Model (Tested per JESD22-A114)
2
kV
Machine Model (Tested per JESD22-A115)
200
V
Charged Device Model (Tested per JESD22-C101)
750
V
Latch-Up (Tested perJESD78; Class II, Level A)
100
mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
4x5 Bump 0.4mm pitch WLCSP (
Notes 5, 6)66
0.95
20 Ld 3x4 TQFN (Notes 5, 7)48
16
Notes:
5. θJA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features.
See TB379.
6. For θJC, the “case temp” location is taken at the package top center.
7. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
+125
°C
Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
see TB493
Parameter
Minimum
Maximum
Unit
Ambient Temperature Range
-40
+85
°C
VIN
2.8
4.4
V
VP
+5
+5.7
V
VN
-5
-5.7
V
VBST
+5.15
+6.0
V
Output Current Maximum (between VP and VN)
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com