Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 3Page - Renesas Technology Corp ISL98607 Datasheet HTML 4Page - Renesas Technology Corp ISL98607 Datasheet HTML 5Page - Renesas Technology Corp ISL98607 Datasheet HTML 6Page - Renesas Technology Corp ISL98607 Datasheet HTML 7Page - Renesas Technology Corp ISL98607 Datasheet HTML 8Page - Renesas Technology Corp ISL98607 Datasheet HTML 9Page - Renesas Technology Corp ISL98607 Datasheet HTML 10Page - Renesas Technology Corp ISL98607 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ISL98607
2. Specifications
FN8421 Rev.1.00
Page 7 of 29
Jun.3.19
Logic/Digital
Logic Input Low Voltage
VIL
ENN, ENP, SCL, SDA
0.4
V
Logic Input High Voltage
VIH
ENN, ENP, SCL, SDA
1.1
V
I2C SCL Clock Frequency
fCLK
(Note 9)
400
kHz
Debounce Time
td
ENN, ENP
10
µs
Internal Pull-Down Resistance
REN
ENN, ENP
200
kΩ
Notes:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
9. For more detailed information regarding I2C timing characteristics see Table 1 on page 10.
VIN = 3.7V, unless otherwise noted. Typical specifications are characterized at TA = +25°C unless otherwise noted. Boldface limits apply
across the operating temperature range, -40°C to +85°C. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 8)Typ
Max
(Note 8)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com