Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 11Page - Renesas Technology Corp ISL98607 Datasheet HTML 12Page - Renesas Technology Corp ISL98607 Datasheet HTML 13Page - Renesas Technology Corp ISL98607 Datasheet HTML 14Page - Renesas Technology Corp ISL98607 Datasheet HTML 15Page - Renesas Technology Corp ISL98607 Datasheet HTML 16Page - Renesas Technology Corp ISL98607 Datasheet HTML 17Page - Renesas Technology Corp ISL98607 Datasheet HTML 18Page - Renesas Technology Corp ISL98607 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
4.6
Register Map
Table 2.
Register Map
REGISTER
ADDRESS
(HEX)
REGISTER
NAME
R/W
FUNCTION
BIT <b7>
BIT <b6>
BIT <b5>
BIT <b4>
BIT <b3>
BIT <b2>BIT <b1>
BIT <b0>
DEFAUL
T VALUE
(HEX)
IC RESET
0x04
FAULT
R
Fault Status
read-back
Reserved
(Always set
to ‘0’)
Not Used
VP UVP:
0 = Output
Voltage OK
1=UVP
Detect
VN UVP:
0 = Output
Voltage OK
1=UVP
Detect
VBST UVP:
0 = Output
Voltage OK
1= UVP
Detect
OTP:
0=Temp
Ok
1=OTP
detected
0x00
Cycle ENN
and ENP, or
cycle VIN
0x05
ENABLE
R/W
IC Enable /
Sequencing
Reserved
(Always set
to ‘0’)
VP Pull-down
resistor
0=Enabled
1 = Disabled
Not Used
VP:
0 = Disable
1=Enable
VN:
0 = Disable
1= Enable
VBST:
0=Disable
1=Enable
0x07
Cycle VIN
0x06
VBST_OUT
R/W
VBST Voltage
Adjustment
Not Used
VBST_OUT <4:0>
0x00
Cycle VIN
0x08
VN_OUT
R/W
VN Voltage
Adjustment
Not Used
VN_OUT <4:0>
0x00
Cycle VIN
0x09
VP_OUT
R/W
VP Voltage
Adjustment
Not Used
VP_OUT <4:0>
0x00
Cycle VIN
0x0D
VBST_
CNTRL
R/W
VBST - boost
regulator
control
Reserved
(Always set to ‘00’)
Boost LX slew rate
11 = Slowest
10 = Slow
01 = Fast
00 = Fastest
PFM mode
(synchronou
s PFM)
0=Enable
1 = Disable
Boost and Charge Pump Switching
Frequency
000 = 0.89 MHz
001 = 1.07 MHz
010 = 1.23 MHz
011 = 1.33 MHz
100 = 1.45 MHz
101 = 1.60 MHz
110 = 1.78 MHz
111 = 2.00 MHZ
0x34
Cycle VIN
0x0F
VN_
CNTRL
R/W
VN - negative
charge pump
control
Reserved
(Always set to ‘11’)
PFM Mode
0= Enabled
1 = Disabled
PWM min
pulse length
1=94ns
0 = 125ns
PFM peak current selection
00 = 4µA
01 = 6µA
10 = 5µA
11 = 7µA
PFM Pulse length
00 = 188ns
01 = 219ns
10 = 250ns
11 = 50% selected
frequency
0xDA
Cycle VIN
Notes:
11. Any Register Addresses/Pointers not indicated are Reserved Registers, and should not be used.
12. Bits labeled “Not Used” can be written and read from the volatile registers, but have no influence on the operation of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com