Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 14Page - Renesas Technology Corp ISL98607 Datasheet HTML 15Page - Renesas Technology Corp ISL98607 Datasheet HTML 16Page - Renesas Technology Corp ISL98607 Datasheet HTML 17Page - Renesas Technology Corp ISL98607 Datasheet HTML 18Page - Renesas Technology Corp ISL98607 Datasheet HTML 19Page - Renesas Technology Corp ISL98607 Datasheet HTML 20Page - Renesas Technology Corp ISL98607 Datasheet HTML 21Page - Renesas Technology Corp ISL98607 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 18 of 29
Jun.3.19
4.13 Power-ON/OFF Sequence
The boost regulator is activated when the VIN input voltage is higher than the UVLO threshold, and either ENP or
ENN are HIGH. The VP output is activated if ENP is HIGH and VBST has completed its soft-start. The VN charge
pump is activated 2ms after VBST has completed soft-start, and the ENN has been pulled high, whichever comes
later (see Figure 17).
Figure 18 shows power-ON timing for the case when ENN is pulled HIGH after ENP, and after the VBST soft-start
is complete. Figure 19 shows power-ON timing for the case when ENN is pulled HIGH after ENP, but before
VBST has completed its soft-start.
ENP or ENN going LOW shuts down VP or VN, respectively. If both ENP and ENN are pulled low, VP, VN, and
VBST are all turned off even if VIN is still above UVLO, see Figure 20 on page 19. If VIN falls below UVLO while
ENP and ENN are high, VP, VN, and VBST are turned off at the same time (see Figure 21 on page 19).
Figure 17. Power-On Logic Operation
Figure 18. Power-On Sequence - ENN Rising After VP
Soft-Start Finished
Figure 19. Power-On Sequence - Both ENP and ENN
Rising Before VBST Soft-Start Finished
VIN > VUVLO
ENP
ENN
Activate VBST
VBST
Power-Good
Activate
VN
Activate VP
2ms Delay on
Rising Edge
VIN
UVLO
ENP
VBST
0.7ms
ENN
VBST
POWER-GOOD
VP
VN
0.7ms
0.7ms
2ms
VIN
UVLO
ENP
VBST
0.7ms
ENN
VBST
POWER-GOOD
VP
VN
0.7ms
0.7ms
2ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com