Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 2Page - Renesas Technology Corp ISL98607 Datasheet HTML 3Page - Renesas Technology Corp ISL98607 Datasheet HTML 4Page - Renesas Technology Corp ISL98607 Datasheet HTML 5Page - Renesas Technology Corp ISL98607 Datasheet HTML 6Page - Renesas Technology Corp ISL98607 Datasheet HTML 7Page - Renesas Technology Corp ISL98607 Datasheet HTML 8Page - Renesas Technology Corp ISL98607 Datasheet HTML 9Page - Renesas Technology Corp ISL98607 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ISL98607
2. Specifications
FN8421 Rev.1.00
Page 6 of 29
Jun.3.19
2.4
Electrical Specifications
VIN = 3.7V, unless otherwise noted. Typical specifications are characterized at TA = +25°C unless otherwise noted. Boldface limits apply
across the operating temperature range, -40°C to +85°C.
Parameter
Symbol
Test Conditions
Min
(Note 8)Typ
Max
(Note 8)Unit
General
VIN Supply Voltage Range
VIN
2.8
4.4
V
VIN Supply Current
IIN
ENP = ENN = 3.7V
Enabled, LXP not switching
620
900
µA
VIN Supply Current When Shutdown
ISHUTDN
ENP = ENN = 0V
1
3
µA
Undervoltage Lockout Threshold
VUVLO
VIN rising
2.40
2.52
2.65
V
Undervoltage Lockout Hysteresis
VUVLO_HYS
5ms falling
216
mV
Boost Regulator (VBST)
VBST Output Voltage
VVBST
Register VBST_OUT = 0x00, no load
5.15
V
Boost nFET Current Limit
ILIM_VBST
1.2
1.4
1.8
A
Low-Side Switch ON-Resistance
rON_VBSTH
TA = +25°C, ILOAD_VBST = 100mA,
LXP to PGND
137
mΩ
High-Side Switch ON-Resistance
rON_VBSTL
TA = +25°C, ILOAD_VBST = 100mA,
LXP to VBST
220
mΩ
LXP Leakage Current
IL_LXP
VLXP = 6V, ENP = ENN = 0V
10
µA
Boost Minimum Duty Cycle
DMIN
Boost frequency = 1.45MHz
12.5
%
Boost Maximum Duty Cycle
DMAX
Boost frequency = 1.45MHz
91
%
Boost Switching Frequency
fSWV_VBST
Boost frequency = default
1.3
1.45
1.6
MHz
Boost Soft-Start Time
tSS_VBST
CVBST = 10µF (not derated), VIN >VUVLO
0.7
2
ms
Negative Regulator (VN)
VN Output Voltage
VVN
VN_OUT = 0x00, no load
-5
V
VN Output Voltage Accuracy
VACC_VN
VN_OUT = 0x00, VBST_OUT = 0x00,
-30mA < ILOAD_VN <0mA
-2
2
%
Charge Pump Switching Frequency
fSW_VN
CP Frequency = default, 50% duty cycle
1.3
1.45
1.6
MHz
Charge Pump Leakage Current
IL_CP
CP pin, CP = 6V, ENN = 0V
10
µA
VN Discharge Resistance
RDCH_VN
VN = -1V
35
Ω
VN Soft-Start Time
tSS_VN
0.7
2
ms
Positive Regulator (VP)
VP Output Voltage
VVP
VBST_OUT = 0x00, No Load
5
V
VP Output Voltage Accuracy
VACC_VP
VP_OUT = 0x00, VBST_OUT = 0x00,
0mA < ILOAD_VP <30mA
-2
2
%
VP Dropout Voltage
VDRP_VP
ILOAD_VP = 100mA
100
mV
VP Leakage Current
IL_VP
VP pin, VP = 0V, ENP = 0V
2
µA
VP Discharge Resistance
RDCH_VP
VP = 1V
80
Ω
VP Soft-Start
tSS_VP
0.7
2
ms
Protection
Thermal Shutdown Temperature
TOFF
Die temperature (rising) when the device will
disable/shutdown all outputs until it cools by
THYS°C
130
°C
Thermal Shutdown Hysteresis
THYS
Die temperature below TOFF°C when the
device will re-enable the outputs after
shutdown
10
°C
VP Undervoltage Protection Threshold
VUVP_VP
0.6 x VP
V
VN Undervoltage Protection Threshold
VUVP_VN
0.6 x VN
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com