Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL98607 Datasheet HTML 1Page - Renesas Technology Corp ISL98607 Datasheet HTML 2Page - Renesas Technology Corp ISL98607 Datasheet HTML 3Page - Renesas Technology Corp ISL98607 Datasheet HTML 4Page - Renesas Technology Corp ISL98607 Datasheet HTML 5Page - Renesas Technology Corp ISL98607 Datasheet HTML 6Page - Renesas Technology Corp ISL98607 Datasheet HTML 7Page - Renesas Technology Corp ISL98607 Datasheet HTML 8Page - Renesas Technology Corp ISL98607 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FN8421 Rev.1.00
Page 1 of 29
Jun.3.19
ISL98607
High Efficiency Power Supply for Small Size Displays
Datasheet
The ISL98607 is a high efficiency power supply for
small size displays, like smart phones, requiring
±supply rails. It integrates boost regulator, LDO, and
inverting charge pump that are used to generate two
output rails: +5V (default) and -5V (default). The ±5V
output voltages can be adjusted up to ±5.7V with
50mV steps using the I2C interface.
The ISL98607 integrates synchronous rectification
MOSFETs for the boost regulator and inverting
charge pump, which maximizes conversion efficiency.
The ISL98607 integrates all compensation and
feedback components, which minimizes BOM count
and reduces the solution PCB size to 21mm2.
The input voltage range, high efficiency operation,
and also very low shutdown current make the device
ideal for use in single cell Li-ion battery operated
applications.
The ISL98607 is offered in the 1.82x2.15mm WLCSP
and 20 Ld 3x4mm TQFN packages, and the device is
specified for operation across the -40°C to +85°C
ambient temperature range.
Related Literature
For a full list of related documents, visit our website:
• ISL98607 device page
Features
• Two outputs:
○ VP = +5.0V (default)
○ VN = -5.0V (default)
• 2.8V to 4.4V Input voltage range
• >85.5% Efficiency with 12mA load between VP and
VN
•21mm2 Solution PCB area
• Fully integrated FETs for synchronous rectification
• Integrated compensation and feedback circuits
•I2C adjustable output voltages and settings
• Integrated VP/VN discharge resistors
• 1µA shutdown supply current
• Multiple package options:
○ 1.82x2.15mm, 4x5 array WLCSP with 0.4mm
pitch
○ 20 Ld 3x4mm TQFN
• Pb-Free (RoHS compliant)
Applications
• TFT-LCD Smart phone displays
• Small size/handheld displays
Figure 1. Typical Application Circuit: TFT-LCD Smart Phone Display
CIN
10µF
0402
LXP
AGND
PGND
VIN
VBST
CP
VN
SCL
SDA
ENP
L1
2.2µH
-5.0V
Negative Supply
CN
VSUB
VIN
2.8V to 4.4V
Positive Supply
+5.0V
VP
ENN
VBSTCP
LCD Panel
Processor
CVBST
10µF
0402
CVN
10µF
0402
CCP
10µF
0402
CVP
10µF
0402


Similar Part No. - ISL98607

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98607EIAZ-TR5576 INTERSIL-ISL98607EIAZ-TR5576 Datasheet
797Kb / 23P
High Efficiency Power Supply for Small Size Displays
May 7, 2014
ISL98607EIAZR5576EVZ INTERSIL-ISL98607EIAZR5576EVZ Datasheet
797Kb / 23P
High Efficiency Power Supply for Small Size Displays
May 7, 2014
ISL98607R5576 INTERSIL-ISL98607R5576 Datasheet
797Kb / 23P
High Efficiency Power Supply for Small Size Displays
May 7, 2014
More results

Similar Description - ISL98607

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1565 MAXIM-MAX1565 Datasheet
512Kb / 26P
Small, High-Efficiency, Five-Channel Digital Still Camera Power Supply
19-2712; Rev 0; 1/03
logo
Linear Technology
LTC3450 LINER-LTC3450 Datasheet
401Kb / 12P
Triple Output Power Supply for Small TFT-LCD Displays
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
Triple Output Power Supply for Small TFT-LCD Displays
logo
Intersil Corporation
ISL98608 INTERSIL-ISL98608 Datasheet
124Kb / 2P
High Efficiency Power Supply for Small Size Displays
December 23, 2014
logo
Murata Manufacturing Co...
MYGTM0242EBZF MURATA-MYGTM0242EBZF Datasheet
658Kb / 14P
High efficiency and small size have been achieved
logo
Anpec Electronics Corop...
APW7252 ANPEC-APW7252 Datasheet
398Kb / 24P
High Efficiency Power Supply for Small Size Display
logo
Renesas Technology Corp
ISL98608 RENESAS-ISL98608 Datasheet
4Mb / 39P
High Efficiency Power Supply for Small Size Displays
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T Datasheet
428Kb / 46P
Digital controller for high-efficiency resonant power supply
Rev. 1-10 March 2016
logo
Intersil Corporation
ISL98607R5576 INTERSIL-ISL98607R5576 Datasheet
797Kb / 23P
High Efficiency Power Supply for Small Size Displays
May 7, 2014
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com