Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 15Page - Renesas Technology Corp ISL98607 Datasheet HTML 16Page - Renesas Technology Corp ISL98607 Datasheet HTML 17Page - Renesas Technology Corp ISL98607 Datasheet HTML 18Page - Renesas Technology Corp ISL98607 Datasheet HTML 19Page - Renesas Technology Corp ISL98607 Datasheet HTML 20Page - Renesas Technology Corp ISL98607 Datasheet HTML 21Page - Renesas Technology Corp ISL98607 Datasheet HTML 22Page - Renesas Technology Corp ISL98607 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 19 of 29
Jun.3.19
The integrated discharge resistors on the VP and VN outputs are 80Ω (typical) and a 35Ω (typical), respectively. If
the same output capacitor (value, size, rating) is used for VN and VP, the VN rail discharges faster than VP if they
are both turned off at the same time, which is ideal for applications that require the VN rail to go down before VP
at power-OFF.
4.14 Enable Timing Control Options
Three ways to control enable sequencing of the VP and VN regulators are:
•I2C control
• Dual GPIO control
• Single GPIO control
4.14.1 I2C Control
By using I2C, the sequencing of the VP and VN regulator is controlled by writing to the register 0x05. Bit <b1>
controls the VN regulator and <b2> controls the VP regulator. Setting the bits to ‘1’ enables the regulator and
setting to ‘0’ shuts off/disables the regulator. Delaying the writes for setting bit <b1> and <b2> (using separate I2C
transactions) delays the turn-on and turn-off sequence of VP and VN accordingly.
Figure 22 on page 20 shows a 4ms delay between when VP and VN turn on. The 4ms time is an example delay to
show the power-ON sequencing possibility through I2C. This delay is set between the separate I2C writes to set
the enable bits in register 0x05. If both enable bits were set to ‘1’ in the same I2C transaction (same byte), and
ENN and ENP are HIGH, both VP and VN regulators start at the same time (when the data is latched at the Stop
condition).
Figure 23 shows a 2.5ms delay between the VP and VN turn off. The 2.5ms time is an example delay to show the
power-OFF sequencing possibility using I2C.
Figures 24 (zoom in) and 25 (zoom out) on page 20 show a typical I2C data transfer to the ENABLE register. In
this example, VP and VN regulators are enabled by writing data 0x07 to register address 0x05. The VP regulator
is enabled first after the I2C Stop condition, followed by the VN regulator after the internal 2ms delay.
Figure 20. Power-Off Sequence - Activated by ENP and
ENN When VIN is Above UVLO
Figure 21. Power-Off Sequence - Activated by VIN Falling
Below UVLO
VIN
UVLO
ENP
VBST
ENN
VBST
Power-Good
VP
VN
Pull to GND (35
typ)
Pull to GND
(80
typ)


VIN
UVLO
ENP
VBST
ENN
VBST
Power-Good
VP
VN
Pull to GND (35
typ)
Pull to GND
(80
typ)





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com