Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 7Page - Renesas Technology Corp ISL98607 Datasheet HTML 8Page - Renesas Technology Corp ISL98607 Datasheet HTML 9Page - Renesas Technology Corp ISL98607 Datasheet HTML 10Page - Renesas Technology Corp ISL98607 Datasheet HTML 11Page - Renesas Technology Corp ISL98607 Datasheet HTML 12Page - Renesas Technology Corp ISL98607 Datasheet HTML 13Page - Renesas Technology Corp ISL98607 Datasheet HTML 14Page - Renesas Technology Corp ISL98607 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 11 of 29
Jun.3.19
4.1.2 Start and Stop Condition
All I2C communication begins with a Start condition (indicating the beginning of a transaction) and ends with a
Stop condition (signaling the end of the transaction).
A Start condition is signified by a HIGH-to-LOW transition on the serial data line (SDA) while the serial clock line
(SCL) is HIGH. A Stop condition is signified by a LOW-to-HIGH transition on the SDA line while SCL is HIGH. See
the timing specifications in Table 1 on page 10.
The Master always initiates Start and Stop conditions. After a Start condition, the bus is considered “busy.” After a
Stop condition, the bus is considered “free.” The ISL98607 also supports repeated Starts, where the bus remains
busy for the continued transaction(s).
4.1.3 Data Validity
The data on the SDA line must be stable (clearly defined as HIGH or LOW) during the HIGH period of the clock
signal. The state of the SDA line can only change when the SCL line is LOW (except to create a Start or Stop
condition). See the timing specifications in Table 1.
The voltage levels indicating a logical ‘0’ (LOW) and logical ‘1’ (HIGH) are determined by the VIL and VIH
thresholds, respectively, see the “Electrical Specifications” table on page 7.
4.1.4 Byte Format
Every byte transferred on SDA must be 8 bits in length. After every byte of data sent by the transmitter there must
be an Acknowledge bit (from the receiver) to signify that the previous 8 bits were transferred successfully. Data is
always transferred on SDA with the Most Significant Bit (MSB) first. See Acknowledge (ACK).
4.1.5 Acknowledge (ACK)
Each 8-bit data transfer is followed by an Acknowledge (ACK) bit from the receiver. The Acknowledge bit signifies
that the previous 8 bits of data was transferred successfully (master-slave or slave-master).
When the Master sends data to the Slave (such as, during a WRITE transaction), after the 8th bit of a data byte is
transmitted, the Master tri-states the SDA line during the 9th clock. The Slave device acknowledges that it
received all 8 bits by pulling down the SDA line, generating an ACK bit.
When the Master receives data from the Slave (such as during a data READ transaction), after the 8th bit is
transmitted, the Slave tri-states the SDA line during the 9th clock. The Master acknowledges that it received all 8
bits by pulling down the SDA line, generating an ACK bit.
4.1.6 Not Acknowledge (NACK)
A Not Acknowledge (NACK) is generated when the receiver does not pull-down the SDA line during the
acknowledge clock (for example, SDA line remains HIGH during the 9th clock), which indicates to the Master that
it can generate a Stop condition to end the transaction and free the bus.
A NACK can be generated for various reasons, for example:
• After an I2C device address is transmitted, there is NO receiver with that address on the bus to respond.
• The receiver is busy performing an internal operation (such as, reset, recall, etc), and cannot respond.
• The Master (acting as a receiver) needs to indicate the end of a transfer with the Slave (acting as a transmitter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com