Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98607 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL98607
Description  High Efficiency Power Supply for Small Size Displays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98607 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL98607 Datasheet HTML 17Page - Renesas Technology Corp ISL98607 Datasheet HTML 18Page - Renesas Technology Corp ISL98607 Datasheet HTML 19Page - Renesas Technology Corp ISL98607 Datasheet HTML 20Page - Renesas Technology Corp ISL98607 Datasheet HTML 21Page - Renesas Technology Corp ISL98607 Datasheet HTML 22Page - Renesas Technology Corp ISL98607 Datasheet HTML 23Page - Renesas Technology Corp ISL98607 Datasheet HTML 24Page - Renesas Technology Corp ISL98607 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ISL98607
4. Application Information
FN8421 Rev.1.00
Page 21 of 29
Jun.3.19
4.14.3 Tie ENP and ENN together (1 GPIO control)
There is also an option to sequence the VN and VP regulators if there is only a single GPIO available in the
system. The method to control turn on/off by GPIO is valid when the respective enable bits in the ENABLE
register at Register Address 0x05 are set to ‘1’ (default). So, this method is used at IC power-ON (no I2C
communication is required).
If the ENP and ENN are tied together and both pulled HIGH, there is a default delay sequence in the IC. VP will
come up first and after 2ms VN soft-starts. For turn off, both VN and VP start to shut down together, but the decay
in the VP and VN voltage is controlled using the output capacitance value.
Figure 28 shows turn on when the ENN and ENP pins are tied together. There is a 2ms delay between VP and VN
turning on.
Figure 29 shows turn off when the ENN and ENP are tied together.
4.15 VP Output Hi-Z Mode
The ISL98607 VP regulator can be configured in a Hi-Z mode for when the regulators are turned off. Using I2C, bit
<b6> in the ENABLE register can be set to ‘1’ to disable the internal pull-down resistor (this is Hi-Z Mode).
Configuring the VP regulator in Hi-Z mode prevents any leakage current flowing between VP and VN when the
TFT-LCD is in sleep/standby mode, which minimizes the system power consumption.
Figure 26. On Sequence - 2 GPIO Control
Figure 27. Off Sequence - 2 GPIO Control
Figure 28. On Sequence - 1 GPIO Control
Figure 29. Off Sequence - 1 GPIO Control
ENN = 1V/Div (DC)
ENP = 1V/Div (DC)
1ms/Div
VP = 2V/Div (DC)
VN = 2V/Div (DC)
VP
VN
ENP
ENN
0V
-5V
0V
0V
+5V
ENN = 1V/Div (DC)
ENP = 1V/Div (DC)
VP = 2V/Div (DC)
VN = 2V/Div (DC)
1ms/Div
0V
0V
-5V
+5V
0V
ENN = 1V/Div (DC)
ENP = 1V/Div (DC)
VP = 2V/Div (DC)
VN = 2V/Div (DC)
1ms/Div
VP
VN
ENP
ENN
0V
-5V
0V
+5V
0V
ENN = 1V/Div (DC)
ENP = 1V/Div (DC)
VP = 2V/Div (DC)
VN = 2V/Div (DC)
1ms/Div
VP
VN
ENP
ENN
0V
-5V
0V
0V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com