Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 19Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 20Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 21Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 22Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 23Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 24Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 25Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 26Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 209 page
background image
Datasheet
23
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
CYT4DN address map
Figure 4-1
CYT4DN address map[19, 20]
64 KB
254 KB
6080 KB
(32 KB Large Sectors)
96 KB
(2 KB Large Sectors)
32 KB
Arm System
Space
Peripheral
Interconnect or
Memory map
Flash
Supervisory
Work flash
Code flash
SRAM0
ROM Mirror
0x0100 0000
0x0100 FFFF
0x1000 0000
0x1062 FFFF
0x1400 0000
0x1401 FFFF
0x1700 0000
0x1700 7FFF
0x4000 0000
0x43FF FFFF
0xE000 0000
0xFFFF FFFF
Mainly used for on-chip peripherals;
e.g., AHB or APB peripherals
Secured Boot ROM to set user specified
protection levels, trim and configuration
data, code authentication, jump to user mode, etc.
Mainly used for user program code
Work flash used for long
term data retention
CPU &Debug Registers
Used to store manufacture specific
data like flash protection settings, trim
settings, device addresses, serial numbers,
calibration data, etc.
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
32 KB
0x1780 0000
0x1780 7FFF
Alternate Flash
Supervisory
0x2800 0000
0x2803 FFFF
0x2808 0000
0x105E FFFF
0x105F 0000
0x1401 7FFF
0x1401 8000
512 MB
0x6000 0000
0x7FFF FFFF
Reserved
SMIF_XIP
Serial Memory Interface XIP
General purpose RAM,
mainly used for data
64 KB
64 KB
Reserved
64 KB
64 KB
Reserved
0xA000 0000
0xA000 FFFF
0xA001 0000
0xA001 FFFF
0xA010 0000
0xA010 FFFF
0xA011 0000
0xA011 FFFF
CM7_0 ITCM
CM7_0 DTCM
CM7_1 ITCM
CM7_1 DTCM
Core CM7_0 Instruction TCM
Core CM7_0 Data TCM
Core CM7_1 Instruction TCM
Core CM7_1 Data TCM
256 KB
(8 KB Small Sectors)
32 KB
(128 B Small Sectors)
128 KB
SRAM2
0x2809 FFFF
512 MB
0x9FFF FFFF
SMIF_XIP
Serial Memory Interface XIP
0x8000 0000
4 MB
0x2400 0000
VRAM
Video RAM for Graphics
0x243F FFFF
256 KB
SRAM1
0x2804 0000
0x2807 FFFF
Reserved
Reserved
0x2000 0000
0x2000 FFFF
64 KB
CM7 DTCM
CM7 internal address map for its Data TCM
64 KB
ROM / CM7 ITCM
0x0000 0000
0x0000 FFFF
Reserved
CM7 internal address map for its Instruction TCM.
The address overlaps with ROM region.
2 KB
0x2800 0800
Notes
19.The size representation is not up to scale.
20.First 2KB of SRAM is reserved, not available for users. User must keep the power of first 32KB block of SRAM0 in enabled or retained
in all Active, LP Active, Sleep, LP Sleep, DeepSleep modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com