Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 91Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 92Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 93Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 94Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 95Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 96Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 97Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 98Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 209 page
background image
Datasheet
95
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26
Electrical specifications
26.1
Absolute maximum ratings
Use of this device under conditions outside the min and max limits listed in Table 26-1 may cause permanent
damage to the device. Exposure to conditions within the limits of Table 26-1 but beyond those of normal
operation for extended periods of time may affect device reliability. The maximum storage temperature is 150°C
in compliance with JEDEC Standard JESD22-A103, High Temperature Storage Life. When operated under condi-
tions within the limits of Table 26-1 but beyond those of normal operation, the device may not operate to speci-
fication.
Power considerations
The average chip-junction temperature, TJ, in °C, may be calculated using Equation 1:
Equation. 1
Where:
TA is the ambient temperature in °C.
θJA is the package junction-to-ambient thermal resistance, in °C/W.
PD is the sum of PINT and PIO (PD = PINT + PIO).
PINT is the chip internal power. (PINT = VDDD × IDD + VCCD × ICC + VDDA × IVDDA)
PIO represents the power dissipation on input and output pins; user determined.
For most applications, PIO < PINT and may be neglected.
On the other hand, PIO may be significant if the device is configured to continuously drive external modules
and/or memories.
WARNING:
• The recommended operating conditions are required to ensure the normal operation of the semiconductor
device. All of the device's electrical characteristics are guaranteed when the device is operated under these
conditions.
• Operation under any conditions other than these conditions may adversely affect reliability of device and can
result in device failure.
• No guarantee is made with respect to any use, operating conditions, or combinations not represented in this
datasheet. If you want to operate the device under any condition other than listed herein, contact the sales
representatives.
TJ
TA
PD JA

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com