Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 10Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 11Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 12Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 13Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 14Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 15Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 16Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 17Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 209 page
background image
Datasheet
14
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Functional description
3.2.4.1
IMO clock source
The IMO is the frequency reference in CYT4DN when no external reference is available or enabled. The IMO
operates at a frequency of around 8 MHz.
3.2.4.2
ILO clock source
An ILO is a low-power oscillator, nominally 32.768 kHz, which generates clocks for a watchdog timer when in
DeepSleep mode. There are two ILOs to ensure clock supervisor (CSV) capability in DeepSleep mode. ILO-driven
counters can be calibrated to the IMO, WCO, or ECO to improve their accuracy. ILO1 is also used for clock
supervision.
3.2.4.3
PLL and FLL
A PLL (three 200 MHz and five 400 MHz) or FLL may be used to generate high-speed clocks from the IMO, ECO, or
an EXT_CLK. The FLL provides a much faster lock than the PLL (5 µs instead of 35 µs) in exchange for a small
amount (±2%) of frequency error[10] and a lower max output frequency (100 MHz instead of up to 400 MHz).
400-MHz PLLs supports spread spectrum clock generation (SSCG) with down spreading.
3.2.4.4
Clock supervisor
Each clock supervisor (CSV) allows one clock (reference) to supervise the behavior of another clock (monitored).
Each CSV has counters for both the monitored and reference clocks. Parameters for each counter determine the
frequency of the reference clock as well as the upper and lower frequency limits of the monitored clock. If the
frequency range comparator detects a stopped clock or a clock outside the specified frequency range, an
abnormal state is signaled and either a reset or an interrupt is generated.
3.2.4.5
EXT_CLK
One of three GPIO_STD I/Os can be used to provide an external clock input of up to 100 MHz. This clock can be
used as the source clock for either the PLL or FLL, or can be used directly by the CLK_HF domain.
3.2.4.6
ECO
The ECO provides high-frequency clocking using an external crystal connected to the ECO_IN and ECO_OUT pins.
It supports fundamental mode (non-overtone) quartz crystals, in the range of 7.2 to 33.34 MHz. When used in
conjunction with the PLL, it generates CPU and peripheral clocks up to device’s maximum frequency. ECO
accuracy depends on the selected crystal. If the ECO is disabled, the associated pins can be used for any of the
available I/O functions.
CLK_HF4
Ethernet Internal Clock
CLK_HF5
Sound Subsystem #0 (TDM, SG, PWM, MIXER, DAC), Ethernet TSU
CLK_HF6
Sound Subsystem #1 (TDM, SG, PWM, MIXER)
CLK_HF7
Sound Subsystem #2 (TDM, SG, PWM)
CLK_HF8
SMIF #0
CLK_HF9
SMIF #1
CLK_HF10
Video Subsystem
CLK_HF11
Video Display #0
CLK_HF12
Video Display #1
CLK_HF13
CSV
Table 3-1
CLK_HF destinations (continued)
Name
Description
Note
10.Operation of reference-timed peripherals (such as a UART) with an FLL-based reference is not recommended due to the allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com