Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 93 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 93 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 89Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 90Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 91Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 92Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 93Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 94Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 95Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 96Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 97Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 209 page
background image
Datasheet
93
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Miscellaneous configuration
34
TCPWM_TR_ONE_CNT_NR
1
Number of input triggers per counter, routed to one
counter
35
TCPWM_TR_ALL_CNT_NR
60
Number of input triggers routed to all counters, based on
the pin package
36
TCPWM_GRP_NR
3
Number of TCPWM0 counter groups
37
TCPWM_GRP_NR0_GRP_GRP_CNT_NR
38
Number of counters per TCPWM0 Group #0
38
TCPWM_GRP_NR0_CNT_GRP_CNT_WIDTH
16
Counter width in number of bits per TCPWM0
Group #0
39
TCPWM_GRP_NR1_GRP_GRP_CNT_NR
12
Number of counters per TCPWM0 Group #1
40
TCPWM_GRP_NR1_CNT_GRP_CNT_WIDTH
16
Counter width in number of bits per TCPWM0
Group #1
41
TCPWM_GRP_NR2_GRP_GRP_CNT_NR
32
Number of counters per TCPWM0 Group #2
42
TCPWM_GRP_NR2_CNT_GRP_CNT_WIDTH
32
Counter width in number of bits per TCPWM0
Group #2
43
CANFD0_MRAM_SIZE / CANFD1_MRAM_SIZE
16
Message RAM size in KB shared by all the channels
44
EVTGEN_COMP_STRUCT_NR
16
Number of Event Generator comparator structures
Table 24-1
Miscellaneous configuration for CYT4DN devices (continued)
Sl. No.
Configuration
Number/
Instances
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com