Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 57Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 58Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 59Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 60Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 61Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 62Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 63Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 64Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 209 page
background image
Datasheet
61
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Triggers group inputs
17
Triggers group inputs
Table 17-1
Trigger inputs
Input
Trigger Label (TRIG_LABEL)
Description
MUX Group 0: P-DMA0_0_15 trigger multiplexer
1:32
PDMA0_TR_OUT[0:31]
Allow P-DMA0 to chain to itself. Channels 0 - 32 are general purpose channels
available for chaining
33:48
PDMA1_TR_OUT[0:15]
Cross connections from P-DMA1 to P-DMA0, Channels 0-15 are used
49:56
MDMA_TR_OUT[0:7]
Cross connections from M-DMA0 to P-DMA0
57:58
CAN0_TT_TR_OUT[0:1]
CAN0 TT Sync Outputs
59:60
CAN1_TT_TR_OUT[0:1]
CAN1 TT Sync Outputs
61:84
HSIOM_IO_INPUT[0:23]
I/O Inputs
85:88
FAULT_TR_OUT[0:3]
Fault events
MUX Group 1: P-DMA0_16_31 trigger multiplexer
1:38
TCPWM0_16_TR_OUT0[0:37]
16-bit TCPWM0 counters
39:50
TCPWM0_16M_TR_OUT0[0:11]
16-bit Motor enhanced TCPWM0 counters
51:82
TCPWM0_32_TR_OUT0[0:31]
32-bit TCPWM0 counters
83:84
PASS_GEN_TR_OUT[0:1]
PASS0 SAR events
85:86
CTI_TR_OUT[0:1]
Trace events
87:90
EVTGEN_TR_OUT[0:3]
Event generator triggers
MUX Group 2: P-DMA1_0_15 trigger multiplexer
1:16
PDMA1_TR_OUT[0:15]
Allow P-DMA1 to chain to itself. Channels 0 - 15 are dedicated for chaining
17:48
PDMA0_TR_OUT[0:31]
Cross connections from P-DMA0 to P-DMA1, channels 0-31 are used.
49:72
HSIOM_IO_INPUT[24:47]
I/O Inputs
MUX Group 3: M-DMA0 trigger multiplexer
1:8
TCPWM0_16_TR_OUT0[0:7]
16-bit TCPWM0 counters
9:16
TCPWM0_32_TR_OUT0[0:7]
32-bit TCPWM0 counters
17:20
AXIDMA_TR_OUT[0:3]
AXI M-DMA1 triggers
MUX Group 4: TCPWM0 Trigger multiplexer
1:32
PDMA0_TR_OUT[0:31]
General purpose P-DMA0 triggers
33:48
PDMA1_TR_OUT[0:15]
General purpose P-DMA1 triggers
49:56
MDMA_TR_OUT[0:7]
AHB M-DMA0 triggers
57:94
TCPWM0_16_TR_OUT0[0:37]
16-bit TCPWM0 counters
95:106
TCPWM0_16M_TR_OUT0[0:11]
16-bit Motor enhanced TCPWM0 counters
107:138
TCPWM0_32_TR_OUT0[0:31]
32-bit TCPWM0 counters
139
SMIF0_TX_TR_OUT
SMIF0 TX trigger
140
SMIF0_RX_TR_OUT
SMIF0 RX trigger
141
SMIF1_TX_TR_OUT
SMIF1 TX trigger
142
SMIF1_RX_TR_OUT
SMIF1 RX trigger
143:146
AXIDMA_TR_OUT[0:3]
AXI M-DMA1 triggers
151:154
TDM0_TX_TR_OUT[0:3]
TDM0 TX trigger
155:158
TDM0_RX_TR_OUT[0:3]
TDM0 RX trigger
159:163
SG0_TX_TR_OUT[0:4]
SG0 TX trigger
164:165
PWM0_TX_TR_OUT[0:1]
PWM0 TX trigger
166:170
MIXER0_TR_SRC_REQ_OUT[0:4]
MIXER0 SRC trigger
171
MIXER0_TR_DST_REQ_OUT
MIXER0 DST trigger
172:176
MIXER1_TR_SRC_REQ_OUT[0:4]
MIXER1 SRC trigger
177
MIXER1_TR_DST_REQ_OUT
MIXER1 DST trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com