Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 22Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 23Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 24Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 25Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 26Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 27Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 28Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 29Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 209 page
background image
Datasheet
26
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Peripheral I/O map
P-DMA
P-DMA 0 Controller
0x4028 0000
2
7
P-DMA 0 channel structures
0x4028 8000
76
0x40
P-DMA 1 Controller
0x4029 0000
2
8
P-DMA 1 channel structures
0x4029 8000
84
0x40
M-DMA
M-DMA0 Controller (AHB Bus)
0x402A 0000
2
9
M-DMA0 channels
0x402A 1000
8
0x100
M-DMA1 Controller (AXI Bus)
0x402B 0000
2
10
M-DMA1 channels
0x402B 1000
8
0x100
eFUSE
eFUSE Customer Data (192 bits)
0x402C 0868
6
0x04
2
11
HSIOM
High-Speed I/O Matrix (HSIOM)
0x4030 0000
31
0x10
3
0
GPIO
GPIO port control/configuration
0x4031 0000
31
0x80
3
1
SMARTIO
Programmable I/O configuration
0x4032 0000
3
2
SMARTIO port configuration
0x4032 0C00
1
0x100
TCPWM
Timer/Counter/PWM 0 (TCPWM0)
0x4038 0000
3
3
TCPWM0 Group #0 (16-bit)
0x4038 0000
38
0x80
TCPWM0 Group #1 (16-bit, Motor
control)
0x4038 8000
12
0x80
TCPWM0 Group #2 (32-bit)
0x4039 0000
32
0x80
EVTGEN
Event generator 0 (EVTGEN0)
0x403F 0000
3
4
Event generator 0 comparator struc-
tures
0x403F 0800
16
0x20
SMIF
Serial Memory Interface 0 (SMIF0)
Bridge
0x4040 0000
4
0
SMIF0 CORE0
0x4042 0000
SMIF0 CORE0 Devices
0x4042 0800
2
0x80
SMIF0 CORE1
0x4043 0000
SMIF0 CORE1 Devices
0x4043 0800
2
0x80
ETH
Ethernet 0 (ETH0)
0x4048 0000
1
4
1
LIN
Local Interconnect Network 0 (LIN0)
0x4050 0000
5
0
LIN0 Channels
0x4050 8000
2
0x100
CXPI
Clock Extension Peripheral Interface 0
(CXPI0)
0x4051 0000
5
1
CXPI0 Channels
0x4051 8000
2
0x100
CAN
CAN0 controller
0x4052 0000
2
0x200
5
2
Message RAM CAN0
0x4053 0000
0x4000
CAN1 controller
0x4054 0000
2
0x200
5
3
Message RAM CAN1
0x4055 0000
0x4000
SCB
Serial Communications Block
(SPI/UART/I2C)
0x4060 0000
12
0x10000
6
0-11
Table 6-1
CYT4DN peripheral I/O map (continued)
Section
Description
Base address Instances
Instance
size
Group Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com