Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 15Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 16Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 17Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 18Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 19Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 20Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 21Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 22Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 209 page
background image
Datasheet
19
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Functional description
supports Audio-Video Bridging (AVB). The MAC supports standard 6-byte programmable addresses. Module uses
AXI interface for DMA access.
3.3.10
Serial memory interface (SMIF)
In addition to the internal flash memory, CYT4DN supports direct connection to two units of 512 MB of external
flash or RAM memory. This connection is made through either a xSPI or serial peripheral interface (SPI). xSPI
allows connection to HyperFlash and HyperRAM devices, while SPI (single, dual, quad, or octal SPI) can connect
with serial flash memory. Code stored in memory connected through this interface allows execute-in-place (XIP)
operation, which does not require the instructions to be first copied to internal memory, and on-the-fly
encryption and decryption for environments requiring secure external data and code.
3.3.11
Sound subsystem
CYT4DN supports the following:
• Four time-division multiplexing (TDM) interfaces
- Full-duplex transmitter and receiver operation
- Independent transmitter or receiver operation, each in master or slave mode
- Up to 32 channels, each channel can be individually enabled or disabled
• Two pulse code modulation-pulse width modulation (PCM-PWM) interface
- Conversion of PCM audio streaming to PWM signals
- Up to 32-bit output sample resolution
- Supports E- and H-bridge formats
- Dead time insertion
• Up to five sound generator (SG) interfaces
- PWM modulated (amplitude, tone) sound generation
- Separate volume and frequency control (two signals) and combined volume-frequency control (one signal)
formats
•Up to five mixers
- Combines multiple PCM source streams into a single PCM destination stream
- PCM source stream can be gain/volume controlled
- Fixed PCM sample formatting (16-bit pairs)
- LPF support by FIR filter
- Fade-in and Fade-out control for both source and destination PCM streams
• One audio digital-to-analog converter (DAC)
- Programmable sampling rate and frequency control
- Supports stereo (Left and Right)
- Supports CIC filter, FIR filter, Interpolation filter, and Delta-Sigma modulator
-Multi-level DAC
3.3.12
One-time-programmable (OTP) eFuse
CYT4DN contains a 1024-bit OTP eFuse memory that can be used to store and access a unique and unalterable
identifier or serial number for each device. eFuses are also used to control the device life-cycle (manufacturing,
programming, normal operation, end-of-life, and so on) and the security state. Of the 1024 bits, 192 are available
for user purposes.
3.3.13
Event generator
The event generator supports generation of interrupts and triggers in Active mode and interrupts in DeepSleep
mode. The event generators are used to trigger a specific device operation (execution of an interrupt handler, a
SAR ADC conversion, and so on) and to provide a cyclic wakeup mechanism from DeepSleep mode. They provide
CPU-free triggers for device functions, and reduce CPU involvement in triggering device functions, thus reducing
overall power consumption and processing overhead.
3.3.14
Trigger multiplexer
CYT4DN supports connecting various peripherals using trigger signals. Triggers are used to inform a peripheral
of the occurrence of an event or change of state. These triggers are used to affect or initiate some action in other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com