Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 78Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 79Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 80Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 81Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 82Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 83Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 84Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 85Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 209 page
background image
Datasheet
82
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Peripheral protection unit fixed structure pairs
263
DMAC_CH6_CH
0x402A1600
0x00000100 M-DMA#0 Channel #6
264
DMAC_CH7_CH
0x402A1700
0x00000100 M-DMA#0 Channel #7
265
AXI_DMAC_TOP
0x402B0000
0x00000008 AXI M-DMA#1 main
266
AXI_DMAC_SEC
0x402B0008
0x00000004 AXI M-DMA#1 active secure channels
267
AXI_DMAC_NONSEC
0x402B000C
0x00000004 AXI M-DMA#1 active non-secure channels
268
AXI_DMAC_CH0_CH
0x402B1000
0x00000100 AXI M-DMA#1 Channel #0
269
AXI_DMAC_CH1_CH
0x402B1100
0x00000100 AXI M-DMA#1 Channel #1
270
AXI_DMAC_CH2_CH
0x402B1200
0x00000100 AXI M-DMA#1 Channel #2
271
AXI_DMAC_CH3_CH
0x402B1300
0x00000100 AXI M-DMA#1 Channel #3
272
EFUSE_CTL
0x402C0000
0x00000200 EFUSE control
273
EFUSE_DATA
0x402C0800
0x00000200 EFUSE data
274
DFT
0x402F0000
0x00001000 Built-in self test
275
HSIOM_PRT0_PRT
0x40300000
0x00000008 HSIOm Port #0
276
HSIOM_PRT1_PRT
0x40300010
0x00000008 HSIOm Port #1
277
HSIOM_PRT2_PRT
0x40300020
0x00000008 HSIOm Port #2
278
HSIOM_PRT3_PRT
0x40300030
0x00000008 HSIOm Port #3
279
HSIOM_PRT4_PRT
0x40300040
0x00000008 HSIOm Port #4
280
HSIOM_PRT5_PRT
0x40300050
0x00000008 HSIOm Port #5
281
HSIOM_PRT6_PRT
0x40300060
0x00000008 HSIOm Port #6
282
HSIOM_PRT7_PRT
0x40300070
0x00000008 HSIOm Port #7
283
HSIOM_PRT8_PRT
0x40300080
0x00000008 HSIOm Port #8
284
HSIOM_PRT9_PRT
0x40300090
0x00000008 HSIOm Port #9
286
HSIOM_PRT11_PRT
0x403000B0
0x00000008 HSIOm Port #11
287
HSIOM_PRT12_PRT
0x403000C0
0x00000008 HSIOm Port #12
288
HSIOM_PRT13_PRT
0x403000D0
0x00000008 HSIOm Port #13
289
HSIOM_PRT14_PRT
0x403000E0
0x00000008 HSIOm Port #14
290
HSIOM_PRT15_PRT
0x403000F0
0x00000008 HSIOm Port #15
291
HSIOM_PRT16_PRT
0x40300100
0x00000008 HSIOm Port #16
292
HSIOM_PRT17_PRT
0x40300110
0x00000008 HSIOm Port #17
293
HSIOM_PRT18_PRT
0x40300120
0x00000008 HSIOm Port #18
294
HSIOM_PRT19_PRT
0x40300130
0x00000008 HSIOm Port #19
295
HSIOM_PRT20_PRT
0x40300140
0x00000008 HSIOm Port #20
296
HSIOM_PRT21_PRT
0x40300150
0x00000008 HSIOm Port #21
298
HSIOM_PRT23_PRT
0x40300170
0x00000008 HSIOm Port #23
299
HSIOM_PRT24_PRT
0x40300180
0x00000008 HSIOm Port #24
300
HSIOM_PRT25_PRT
0x40300190
0x00000008 HSIOm Port #25
301
HSIOM_PRT26_PRT
0x403001A0
0x00000008 HSIOm Port #26
302
HSIOM_PRT27_PRT
0x403001B0
0x00000008 HSIOm Port #27
303
HSIOM_PRT28_PRT
0x403001C0
0x00000008 HSIOm Port #28
304
HSIOM_PRT29_PRT
0x403001D0
0x00000008 HSIOm Port #29
305
HSIOM_PRT30_PRT
0x403001E0
0x00000008 HSIOm Port #30
306
HSIOM_AMUX
0x40302000
0x00000020 HSIOm Analog multiplexer
307
HSIOM_MON
0x40302200
0x00000010 HSIOm monitor
308
GPIO_PRT0_PRT
0x40310000
0x00000040 GPIO_ENH Port #0
309
GPIO_PRT1_PRT
0x40310080
0x00000040 GPIO_STD Port #1
Table 22-1
PPU fixed structure pairs (continued)
Pair
No.
PPU Fixed Structure Pair
Address
Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com