Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 16Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 17Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 18Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 19Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 20Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 21Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 22Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 23Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 209 page
background image
Datasheet
20
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Functional description
peripherals. The trigger multiplexer is used to route triggers from a source peripheral to a destination. Triggers
provide active logic functionality and are typically supported in Active mode.
3.4
Graphics
CYT4DN supports one instance of the graphics subsystem which includes 4096 KB of embedded Video RAM, a 2D
graphics core and interfaces for video input and output processing.
CYT4DN supports 4-lane MIPI CSI-2 interface for up to Wide-HD resolution video inputs and dual channel FPD-link
interface for up to Wide-HD resolution video output. The 2D graphics core supports a BLock Image Transfer (BLIT)
engine for faster graphics rendering to memory or on-the-fly to display, a drawing engine for acceleration of
vector graphics rendering and a command sequencer for setup and control of the rendering process. The video
I/O supports a composition engine for scene composition from display layers, a display engine for video timing
generation, and display functions and a capture engine for video input processing. The device also supports
perspective correction for 3D effects ("2.5D"). One layer can be warped on-the-fly, e.g., for head-up displays. It
includes a JPEG decoder, which decodes JPEG images of various formats into pixel data with conformance to a
subset of ISO/IEC10918-1 (JPEG Part 1). It also supports RGB/YUV/Grayscale color space.
3.5
I/Os
CYT4DN has up to 168 programmable I/Os.
The I/Os are organized as logical entities called ports, which are a maximum of 8 bits wide. During power-on, and
reset, the I/Os are forced to the High-Z state. During the Hibernate mode, I/Os are frozen.
Every I/O can generate an interrupt (if enabled) and each port has an interrupt request (IRQ) and interrupt service
routine (ISR) associated with it.
I/O port power source mapping is listed in Table 3-4. The associated supply determines the VOH, VOL, VIH, and VIL
levels when configured for CMOS and Automotive thresholds.
All I/Os support the following programmable drive modes:
• High impedance
•Resistive pull-up
•Resistive pull-down
• Open drain with strong pull-down
• Open drain with strong pull-up
• Strong pull-up or pull-down
• Weak pull-up or pull-down
CYT4DN has six types of programmable GPIOs: GPIO Standard, GPIO Enhanced, GPIO SMC, HSIO Standard, HSIO
Standard with low-noise, HSIO Enhanced, HSIO Enhanced Differential. Only GPIO_STD, GPIO_ENH, and
GPIO_SMC have the capability to wakeup the device from DeepSleep mode. All these I/Os have GPIO input/output
functionality, HSIO_ENH_PDIFF I/Os (P24, P27) have limitations in single ended mode[18].
Table 3-4
I/O port power source
Supply pins
Ports
VDDD[16]
P1
VDDIO_GPIO_0[16]
P0, P2, P3
VDDIO_GPIO_1[16]
P4, P5, P6
VDDIO_GPIO_2[16]
P7, P8, P29
VDDIO_SMC[16]
P9, P11, P12
VDDIO_HSIO
P13, P14, P15, P16, P17, P18, P19, P20, P21, P30
VDDIO_SMIF
P23, P24, P25, P26, P27, P28
Note
16.Ensure that VDDD ≥ VDDIO_GPIO_2 ≥ VDDIO_GPIO_1. Ensure that VDDD is turned on before VDDIO_GPIO_1, and VDDIO_GPIO_1 is turned on before
VDDIO_GPIO_2, or all at the same time. Also ensure VDDIO_GPIO_2 ≥ VDDA_ADC and VDDIO_SMC ≥ VDDA_ADC to avoid increased leakage.
Operating the mentioned supplies within the same voltage range (i.e. within 2.7V-3.6 V, respectively within 4.5 V-5.5 V) fulfills being
“equal”.
17.Refer to the device Architecture TRM for more details on the I/O configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com