Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 61Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 62Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 63Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 64Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 65Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 66Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 67Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 68Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 209 page
background image
Datasheet
65
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Triggers group outputs
18
Triggers group outputs
Table 18-1
Trigger outputs
Output
Trigger
Description
MUX Group 0: P-DMA0_0_15 trigger multiplexer
0:15
PDMA0_TR_IN[0:15]
Triggers to P-DMA0[0:15]
MUX Group 1: P-DMA0_16_31 trigger multiplexer
0:15
PDMA0_TR_IN[16:31]
Triggers to P-DMA0[16:31]
MUX Group 2: P-DMA1_0_15 trigger multiplexer
0:15
PDMA1_TR_IN[0:15]
Triggers to P-DMA1
MUX Group 3: M-DMA0 trigger multiplexer
0:7
MDMA_TR_IN[0:7]
Triggers to M-DMA0
MUX Group 4: TCPWM0 Trigger multiplexer
0:19
TCPWM0_ALL_CNT_TR_IN[0:19]
Triggers to TCPWM0
MUX Group 5: TCPWM0_20_31 Trigger multiplexer
0:11
TCPWM0_ALL_CNT_TR_IN[20:31]
Triggers to TCPWM0
MUX Group 6: TCPWM0_32_59 Trigger Multiplexer
0:27
TCPWM0_ALL_CNT_TR_IN[32:59]
Triggers to TCPWM0
MUX Group 7: PASS0 SAR trigger multiplexer
0:3
PASS_GEN_TR_IN[0:3]
Triggers to PASS0 SAR
MUX Group 8: CAN TT Sync
0:1
CAN0_TT_TR_IN[0:1]
CAN0 TT Sync Inputs
2:3
CAN1_TT_TR_IN[0:1]
CAN1 TT Sync Inputs
MUX Group 9: Debug MUX
0
HSIOM_IO_OUTPUT[0]
To HSIOM as an output
1
HSIOM_IO_OUTPUT[1]
To HSIOM as an output
2:3
CTI_TR_IN[0:1]
To the Cross Trigger system
4
PERI_DEBUG_FREEZE_TR_IN
Signal to Freeze PERI operation
5
PASS_DEBUG_FREEZE_TR_IN
Signal to Freeze PASS0 SAR operation
6
SRSS_WDT_DEBUG_FREEZE_TR_IN
Signal to Freeze WDT operation
7
SRSS_MCWDT_DEBUG_FREEZE_TR_IN[2]
Signal to Freeze MCWDT2 operation
8
SRSS_MCWDT_DEBUG_FREEZE_TR_IN[1]
Signal to Freeze MCWDT1 operation
9
SRSS_MCWDT_DEBUG_FREEZE_TR_IN[0]
Signal to Freeze MCWDT0 operation
10
TCPWM0_DEBUG_FREEZE_TR_IN
Signal to Freeze TCPWM0 operation
12
TDM0_DEBUG_FREEZE_TR_IN
Signal to Freeze TDM0 operation
13
SG0_DEBUG_FREEZE_TR_IN
Signal to Freeze SG0 operation
14
PWM0_DEBUG_FREEZE_TR_IN
Signal to Freeze PWM0 operation
15
MIXER0_DEBUG_FREEZE_TR_IN
Signal to Freeze MIXER0 operation
16
MIXER1_DEBUG_FREEZE_TR_IN
Signal to Freeze MIXER1 operation
17
AUDIODAC0_DEBUG_FREEZE_TR_IN
Signal to Freeze AUDIO DAC0 operation
MUX Group 10: Debug Reduction #1
0:4
TR_GROUP9_INPUT[1:5]
To main debug multiplexer
MUX Group 11: Debug Reduction #2
0:4
TR_GROUP9_INPUT[6:10]
To main debug multiplexer
MUX Group 12: Debug Reduction #3
0:4
TR_GROUP9_INPUT[11:15]
To main debug multiplexer
MUX Group 13: AXI-DMA trigger multiplexer
0:3
AXIDMA_TR_IN[0:3]
Triggers to AXI M-DMA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com